Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 13 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 13 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 9Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 10Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 11Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 12Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 13Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 14Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 15Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 16Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
13
4188E–8051–08/06
AT/TS8xC51Rx2
Figure 5-1.
Clock Generation Diagram
Figure 5-2.
Mode Switching Waveforms
The X2 bit in the CKCON register (Table 5-2) allows to switch from 12 clock cycles per instruc-
tion to 6 clock cycles and vice versa. At reset, the standard speed is activated (STD mode).
Setting this bit activates the X2 feature (X2 mode).
Note:
In order to prevent any incorrect operation while operating in X2 mode, user must be aware that all
peripherals using clock frequency as time reference (UART, timers, PCA...) will have their time ref-
erence divided by two. For example a free running timer generating an interrupt every 20 ms will
then generate an interrupt every 10 ms. UART with 4800 baud rate will have 9600 baud rate.
Table 5-2.
CKCON Register
CKCON - Clock Control Register (8Fh)
XTAL1
2
CKCON reg
X2
state machine: 6 clock cycles.
CPU control
FOSC
FXTAL
0
1
XTAL1:2
XTAL1:2
XTAL1
CPU clock
X2 bit
X2 Mode
STD Mode
STD Mode
76
543
210
---
---
-
X2
Bit Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com