Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 44 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 44 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 40Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 41Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 42Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 43Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 44Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 45Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 46Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 47Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 48Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
44
4188E–8051–08/06
AT/TS8xC51Rx2
6.6
Idle Mode
An instruction that sets PCON.0 causes that to be the last instruction executed before going into
the Idle mode. In the Idle mode, the internal clock signal is gated off to the CPU, but not to the
interrupt, Timer, and Serial Port functions. The CPU status is preserved in its entirety: the Stack
Pointer, Program Counter, Program Status Word, Accumulator and all other registers maintain
their data during Idle. The port pins hold the logical states they had at the time Idle was acti-
vated. ALE and PSEN hold at logic high levels.
There are two ways to terminate the Idle. Activation of any enabled interrupt will cause PCON.0
to be cleared by hardware, terminating the Idle mode. The interrupt will be serviced, and follow-
ing RETI the next instruction to be executed will be the one following the instruction that put the
device into idle.
The flag bits GF0 and GF1 can be used to give an indication if an interrupt occured during nor-
mal operation or during an Idle. For example, an instruction that activates Idle can also set one
or both flag bits. When Idle is terminated by an interrupt, the interrupt service routine can exam-
ine the flag bits.
The other way of terminating the Idle mode is with a hardware reset. Since the clock oscillator is
still running, the hardware reset needs to be held active for only two machine cycles (24 oscilla-
tor periods) to complete the reset.
6.7
Power-down Mode
To save maximum power, a power-down mode can be invoked by software (Refer to Table 6-15,
PCON register).
In power-down mode, the oscillator is stopped and the instruction that invoked power-down
mode is the last instruction executed. The internal RAM and SFRs retain their value until the
power-down mode is terminated. VCC can be lowered to save further power. Either a hardware
reset or an external interrupt can cause an exit from power-down. To properly terminate power-
down, the reset or external interrupt should not be executed before V
CC is restored to its normal
operating level and must be held active long enough for the oscillator to restart and stabilize.
Only external interrupts INT0 and INT1 are useful to exit from power-down. For that, interrupt
must be enabled and configured as level or edge sensitive interrupt input.
Holding the pin low restarts the oscillator but bringing the pin high completes the exit as detailed
in Figure 6-14. When both interrupts are enabled, the oscillator restarts as soon as one of the
two inputs is held low and power down exit will be completed when the first input will be
released. In this case the higher priority interrupt service routine is executed.
Once the interrupt is serviced, the next instruction to be executed after RETI will be the one fol-
lowing the instruction that put TS80C51Rx2 into power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com