Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 66 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 66 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 62Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 63Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 64Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 65Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 66Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 67Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 68Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 69Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 70Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
66
4188E–8051–08/06
AT/TS8xC51Rx2
11.5.4
External Data Memory Characteristics
Table 11-8.
AC Parameters for a Fix Clock
Symbol
Parameter
TRLRH
RD Pulse Width
TWLWH
WR Pulse Width
TRLDV
RD to Valid Data In
TRHDX
Data Hold After RD
TRHDZ
Data Float After RD
TLLDV
ALE to Valid Data In
TAVDV
Address to Valid Data In
TLLWL
ALE to WR or RD
TAVWL
Address to WR or RD
TQVWX
Data Valid to WR Transition
TQVWH
Data set-up to WR High
TWHQX
Data Hold After WR
TRLAZ
RD Low to Address Float
TWHLH
RD or WR High to ALE high
Speed
-M
40 MHz
-V
X2 mode
30 MHz
60 MHz equiv.
-V
standard mode 40
MHz
-L
X2 mode
20 MHz
40 MHz equiv.
-L
standard mode
30 MHz
Units
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
T
RLRH
130
85
135
125
175
ns
T
WLWH
130
85
135
125
175
ns
T
RLDV
100
60
102
95
137
ns
T
RHDX
0000
0
ns
T
RHDZ
30
18
35
25
42
ns
T
LLDV
160
98
165
155
222
ns
T
AVDV
165
100
175
160
235
ns
T
LLWL
50
100
3070
559545
105
70
130
ns
T
AVWL
75
47
80
70
103
ns
T
QVWX
10
7
15
5
13
ns
T
QVWH
160
107
165
155
213
ns
T
WHQX
15
9
171018
ns
T
RLAZ
0
0000
ns
T
WHLH
10
40727
15
355
45
13
53
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com