Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 24 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 24 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 20Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 21Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 22Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 23Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 24Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 25Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 26Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 27Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
24
4188E–8051–08/06
AT/TS8xC51Rx2
6.3
Programmable Counter Array PCA
The PCA provides more timing capabilities with less CPU intervention than the standard
timer/counters. Its advantages include reduced software overhead and improved accuracy. The
PCA consists of a dedicated timer/counter which serves as the time base for an array of five
compare/capture modules. Its clock input can be programmed to count any one of the following
signals:
• Oscillator frequency
÷ 12 (÷ 6 in X2 mode)
• Oscillator frequency
÷ 4 (÷ 2 in X2 mode)
• Timer 0 overflow
• External input on ECI (P1.2)
Each compare/capture modules can be programmed in any one of the following modes:
• rising and/or falling edge capture,
• software timer,
• high-speed output, or
• pulse width modulator.
Module 4 can also be programmed as a watchdog timer (See Section "PCA Watchdog Timer",
page 33).
When the compare/capture modules are programmed in the capture mode, software timer, or
high speed output mode, an interrupt can be generated when the module executes its function.
All five modules plus the PCA timer overflow share one interrupt vector.
The PCA timer/counter and compare/capture modules share Port 1 for external I/O. These pins
are listed below. If the port is not used for the PCA, it can still be used for standard I/O.
The PCA timer is a common time base for all five modules (See Figure 6-4). The timer count
source is determined from the CPS1 and CPS0 bits in the CMOD SFR (See Table 6-4) and can
be programmed to run at:
• 1/12 the oscillator frequency. (Or 1/6 in X2 Mode)
• 1/4 the oscillator frequency. (Or 1/2 in X2 Mode)
• The Timer 0 overflow
• The input on the ECI pin (P1.2)
PCA component
External I/O Pin
16-bit Counter
P1.2 / ECI
16-bit Module 0
P1.3 / CEX0
16-bit Module 1
P1.4 / CEX1
16-bit Module 2
P1.5 / CEX2
16-bit Module 3
P1.6 / CEX3
16-bit Module 4
P1.7 / CEX4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com