Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 60 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 60 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 56Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 57Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 58Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 59Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 60Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 61Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 62Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 63Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 64Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
60
4188E–8051–08/06
AT/TS8xC51Rx2
11.4
DC Parameters for Low Voltage
TA = 0
°C to +70°C; V
SS = 0 V; VCC = 2.7 V to 5.5 V ± 10%; F = 0 to 30 MHz.
TA = -40
°C to +85°C; V
SS = 0 V; VCC = 2.7 V to 5.5 V ± 10%; F = 0 to 30 MHz.
Notes:
1. ICC under reset is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 11-5.), VIL
= V
SS + 0.5 V,
V
IH = VCC - 0.5V; XTAL2 N.C.; EA = RST = Port 0 = VCC. ICC would be slightly higher if a crystal oscillator used..
2. Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns, VIL = VSS + 0.5 V, VIH = VCC -
0.5 V; XTAL2 N.C; Port 0 = V
CC; EA = RST = VSS (see Figure 11-3.).
3. Power-down ICC is measured with all output pins disconnected; EA = VSS, PORT 0 = VCC; XTAL2 NC.; RST = VSS (see Fig-
ure 11-4.).
Table 11-2.
DC Parameters for Low Voltage
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3, 4, 5 (6)
0.45
V
IOL = 0.8 mA
(4)
VOL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.45
V
IOL = 1.6 mA
(4)
VOH
Output High Voltage, ports 1, 2, 3, 4, 5
0.9 VCC
VIOH = -10 μA
VOH1
Output High Voltage, port 0, ALE, PSEN
0.9 VCC
VIOH = -40 μA
IIL
Logical 0 Input Current ports 1, 2, 3, 4, 5
-50
μA
Vin = 0.45 V
ILI
Input Leakage Current
±10
μA
0.45 V < Vin < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3, 4,
5
-650
μA
Vin = 2.0 V
RRST
RST Pulldown Resistor
50
90
(5)
200
k
Ω
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
I
PD
Power-down Current
20 (5)
10 (5)
50
30
μA
V
CC = 2.0 V to 5.5 V
(3)
V
CC = 2.0 V to 3.3 V
(3)
IPD
Power-down Current (Only for TS87C51RD2
S287-xxx Very Low power)
2 (5)
15
μA2.0 V < V
CC < 3.6 V
(3)
ICC
under
RESET
Power Supply Current Maximum values, X1
mode: (7)
1 + 0.2 Freq
(MHz)
@12MHz 3.4
@16MHz 4.2
mA
V
CC = 3.3 V
(1)
ICC
operating
Power Supply Current Maximum values, X1
mode:
(7)
1 + 0.3 Freq
(MHz)
@12MHz 4.6
@16MHz 5.8
mA
VCC = 3.3 V
(8)
I
CC
idle
Power Supply Current Maximum values, X1
mode: (7)
0.15 Freq
(MHz) + 0.2
@12MHz 2
@16MHz 2.6
mA
V
CC = 3.3 V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com