Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 18 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 18 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 14Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 15Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 16Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 17Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 18Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 19Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 20Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 21Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 22Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 85 page
background image
18
4188E–8051–08/06
AT/TS8xC51Rx2
address bits (DPL) with data. MOVX @ Ri and MOVX @DPTR will generate either read or
write signals on P3.6 (WR) and P3.7 (RD).
The stack pointer (SP) may be located anywhere in the 256 bytes RAM (lower and upper RAM)
internal data memory. The stack may not be located in the XRAM.
Figure 6-1.
Internal and External Data Memory Address
Table 6-1.
Auxiliary Register
AUXR
XRAM
256 bytes
Upper
128 bytes
Internal
Ram
Lower
128 bytes
Internal
Ram
Special
Function
Register
80
80
00
FF(RA, RB, RC)/2FF (RD)
FF
00
FF
External
Data
Memory
0000
0100 (RA, RB, RC) or 0300 (RD)
FFFF
indirect accesses
direct accesses
direct or indirect
accesses
AUXR
Address 08EH
-
-
-
-
-
-
EXTRAM
AO
Reset value
X
X
XXX
X
0
0
Symbol
Function
-
Not implemented, reserved for future use.
(1)
1.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family
products to invoke new features. In that case, the reset or inactive value of the new bit will be 0,
and its active value will be 1. The value read from a reserved bit is indeterminate.
AO
Disable/Enable ALE
AO
Operating Mode
0
ALE is emitted at a constant rate of 1/6 the oscillator frequency (or 1/3 if X2 mode
is used)
1
ALE is active only during a MOVX or MOVC instruction
EXTRAM
Internal/External RAM (00H-FFH) access using MOVX @ Ri/ @ DPTR
EXTRAM
Operating Mode
0
Internal XRAM access using MOVX @ Ri/ @ DPTR
1
External data memory access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com