Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 33 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 33 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 29Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 30Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 31Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 32Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 33Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 34Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 35Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 36Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 37Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
33
4188E–8051–08/06
AT/TS8xC51Rx2
Figure 6-9.
PCA PWM Mode
6.3.5
PCA Watchdog Timer
An on-board watchdog timer is available with the PCA to improve the reliability of the system
without increasing chip count. Watchdog timers are useful for systems that are susceptible to
noise, power glitches, or electrostatic discharge. Module 4 is the only PCA module that can be
programmed as a watchdog. However, this module can still be used for other modes if the
watchdog is not needed. Figure 6-7 shows a diagram of how the watchdog works. The user pre-
loads a 16-bit value in the compare registers. Just like the other compare modes, this 16-bit
value is compared to the PCA timer value. If a match is allowed to occur, an internal reset will be
generated. This will not cause the RST pin to be driven high.
In order to hold off the reset, the user has three options:
• 1. Periodically change the compare value so it will never match the PCA timer,
• 2. periodically change the PCA timer value so it will never match the compare values, or
• 3. Disable the watchdog by clearing the WDTE bit before a match occurs and then re-enable
it.
The first two options are more reliable because the watchdog timer is never disabled as in option
#3. If the program counter ever goes astray, a match will eventually occur and cause an internal
reset. The second option is also not recommended if other PCA modules are being used.
Remember, the PCA timer is the time base for all modules; changing the time base for other
modules would not be a good idea. Thus, in most applications the first solution is the best option.
This watchdog timer won’t generate a reset out on the reset pin.
CL
CCAPnH
CCAPnL
ECOMn
CCAPMn, n= 0 to 4
0xDA to 0xDE
CAPNn MATn TOGn PWMn ECCFn
CAPPn
8 bit comparator
CEXn
“0”
“1”
Š
<
Enable
PCA counter/timer
Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com