| Electronic Components Datasheet Search |
|
TS87C51RB2-LIB Datasheet(PDF) 40 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
TS87C51RB2-LIB Datasheet(HTML) 40 Page - International Rectifier |
|
40 / 85 page ![]() 40 4188E–8051–08/06 AT/TS8xC51Rx2 6.5 Interrupt System The TS80C51Rx2 has a total of 7 interrupt vectors: two external interrupts (INT0 and INT1), three timer interrupts (timers 0, 1 and 2), the serial port interrupt and the PCA global interrupt. These interrupts are shown in Figure 6-13. WARNING: Note that in the first version of RC devices, the PCA interrupt is in the lowest priority. Thus the order in INT0, TF0, INT1, TF1, RI or TI, TF2 or EXF2, PCA. Figure 6-13. Interrupt Control System Each of the interrupt sources can be individually enabled or disabled by setting or clearing a bit in the Interrupt Enable register (See Table 6-17.Table 6-18.). This register also contains a global disable bit, which must be cleared to disable all interrupts at once. Each interrupt source can also be individually programmed to one out of four priority levels by setting or clearing a bit in the Interrupt Priority register (See Table 6-18.) and in the Interrupt Pri- ority High register (See Table 6-19.). shows the bit values and priority levels associated with each combination. The PCA interrupt vector is located at address 0033H. All other vector addresses are the same as standard C52 devices. IE1 0 3 High priority interrupt Interrupt polling sequence, decreasing from high to low priority Low priority interrupt Global Disable Individual Enable EXF2 TF2 TI RI TF0 INT0 INT1 TF1 IPH, IP IE0 0 3 0 3 0 3 0 3 0 3 0 3 PCA IT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |