Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 50 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 50 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 46Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 47Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 48Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 49Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 50Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 51Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 52Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 53Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 54Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 85 page
background image
50
4188E–8051–08/06
AT/TS8xC51Rx2
7.1
Reduced EMI Mode
The ALE signal is used to demultiplex address and data buses on port 0 when used with exter-
nal program or data memory. Nevertheless, during internal code execution, ALE signal is still
generated. In order to reduce EMI, ALE signal can be disabled by setting AO bit.
The AO bit is located in AUXR register at bit location 0. As soon as AO is set, ALE is no longer
output but remains active during MOVX and MOVC instructions and external fetches. During
ALE disabling, ALE pin is weakly pulled high.
Table 7-2.
AUXR Register
AUXR - Auxiliary Register (8Eh)
Reset Value = XXXX XX00b
Not bit addressable
76
543
210
---
---
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
EXTRAM
EXTRAM bit
See Table 6-1.
0AO
ALE Output bit
Clear to restore ALE operation during internal fetches.
Set to disable ALE operation during internal fetches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com