Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 32 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 32 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 28Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 29Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 30Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 31Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 32Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 33Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 34Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 35Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
32
4188E–8051–08/06
AT/TS8xC51Rx2
Figure 6-8.
PCA High Speed Output Mode
Before enabling ECOM bit, CCAPnL and CCAPnH should be set with a non zero value, other-
wise an unwanted match could happen.
Once ECOM set, writing CCAPnL will clear ECOM so that an unwanted match doesn’t occur
while modifying the compare value. Writing to CCAPnH will set ECOM. For this reason, user
software should write CCAPnL first, and then CCAPnH. Of course, the ECOM bit can still be
controlled by accessing to CCAPMn register.
6.3.4
Pulse Width Modulator Mode
All of the PCA modules can be used as PWM outputs. Figure 6-9 shows the PWM function. The
frequency of the output depends on the source for the PCA timer. All of the modules will have
the same frequency of output because they all share the PCA timer. The duty cycle of each
module is independently variable using the module's capture register CCAPLn. When the value
of the PCA CL SFR is less than the value in the module's CCAPLn SFR the output will be low,
when it is equal to or greater than the output will be high. When CL overflows from FF to 00,
CCAPLn is reloaded with the value in CCAPHn. This allows updating the PWM without glitches.
The PWM and ECOM bits in the module's CCAPMn register must be set to enable the PWM
mode.
CH
CL
CCAPnH
CCAPnL
ECOMn
CCAPMn, n = 0 to 4
0xDA to 0xDE
CAPNn MATn TOGn PWMn ECCFn
CAPPn
16 bit comparator
Match
CF
CR
CCON
0xD8
CCF4 CCF3
CCF2
CCF1
CCF0
PCA IT
Enable
CEXn
PCA counter/timer
Write to
CCAPnH
Reset
Write to
CCAPnL
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com