Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 41 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 41 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 37Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 38Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 39Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 40Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 41Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 42Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 43Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 44Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 45Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
41
4188E–8051–08/06
AT/TS8xC51Rx2
Table 6-16.
Priority Level Bit Values
A low-priority interrupt can be interrupted by a high priority interrupt, but not by another low-prior-
ity interrupt. A high-priority interrupt can’t be interrupted by any other interrupt source.
If two interrupt requests of different priority levels are received simultaneously, the request of
higher priority level is serviced. If interrupt requests of the same priority level are received simul-
taneously, an internal polling sequence determines which request is serviced. Thus within each
priority level there is a second priority structure determined by the polling sequence.
Table 6-17.
IE Register
IE - Interrupt Enable Register (A8h)
Reset Value = 0000 0000b
Bit addressable
IPH.x
IP.x
Interrupt Level Priority
0
0
0 (Lowest)
01
1
10
2
11
3 (Highest)
76
543
210
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
Bit Number
Bit
Mnemonic Description
7EA
Enable All interrupt bit
Clear to disable all interrupts.
Set to enable all interrupts.
If EA=1, each interrupt source is individually enabled or disabled by setting or
clearing its own interrupt enable bit.
6EC
PCA interrupt enable bit
Clear to disable . Set to enable.
5ET2
Timer 2 overflow interrupt Enable bit
Clear to disable timer 2 overflow interrupt.
Set to enable timer 2 overflow interrupt.
4ES
Serial port Enable bit
Clear to disable serial port interrupt.
Set to enable serial port interrupt.
3ET1
Timer 1 overflow interrupt Enable bit
Clear to disable timer 1 overflow interrupt.
Set to enable timer 1 overflow interrupt.
2
EX1
External interrupt 1 Enable bit
Clear to disable external interrupt 1.
Set to enable external interrupt 1.
1ET0
Timer 0 overflow interrupt Enable bit
Clear to disable timer 0 overflow interrupt.
Set to enable timer 0 overflow interrupt.
0
EX0
External interrupt 0 Enable bit
Clear to disable external interrupt 0.
Set to enable external interrupt 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com