Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 62 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 62 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 58Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 59Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 60Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 61Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 62Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 63Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 64Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 65Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 66Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
62
4188E–8051–08/06
AT/TS8xC51Rx2
Figure 11-3.
ICC Test Condition, Idle Mode
Figure 11-4.
I
CC Test Condition, Power-Down Mode
Figure 11-5.
Clock Signal Waveform for ICC Tests in Active and Idle Modes
11.5
AC Parameters
11.5.1
Explanation of the AC Symbols
Each timing symbol has 5 characters. The first character is always a “T” (stands for time). The
other characters, depending on their positions, stand for the name of a signal or the logical sta-
tus of that signal. The following is a list of all the characters and what they stand for.
Example:TAVLL = Time for Address Valid to ALE Low.
TLLPL = Time for ALE Low to PSEN Low.
TA = 0 to +70
°C (commercial temperature range); V
SS = 0 V; VCC = 5 V ± 10%; -M and -V ranges.
TA = -40
°C to +85°C (industrial temperature range); V
SS = 0 V;
VCC = 5 V ± 10%; -M and -V
ranges.
RST
EA
XTAL2
XTAL1
VSS
V
CC
VCC
ICC
(NC)
P0
VCC
All other pins are disconnected.
CLOCK
SIGNAL
Reset = Vss after a high pulse
during at least 24 clock cycles
RST
EA
XTAL2
XTAL1
VSS
VCC
V
CC
ICC
(NC)
P0
VCC
All other pins are disconnected.
Reset = Vss after a high pulse
during at least 24 clock cycles
V
CC-0.5V
0.45V
0.7VCC
0.2V
CC-0.1
T
CLCH
T
CHCL
TCLCH = TCHCL = 5ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com