Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 59 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 59 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 55Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 56Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 57Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 58Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 59Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 60Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 61Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 62Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 63Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 85 page
background image
59
4188E–8051–08/06
AT/TS8xC51Rx2
VOH
Output High Voltage, ports 1, 2, 3, 4, 5
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -10 μA
IOH = -30 μA
IOH = -60 μA
VCC = 5 V ± 10%
VOH1
Output High Voltage, port 0
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -200 μA
IOH = -3.2 mA
IOH = -7.0 mA
VCC = 5 V ± 10%
VOH2
Output High Voltage,ALE, PSEN
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -100 μA
IOH = -1.6 mA
IOH = -3.5 mA
VCC = 5 V ± 10%
RRST
RST Pulldown Resistor
50
90 (5)
200
k
Ω
IIL
Logical 0 Input Current ports 1, 2, 3, 4, 5
-50
μA
Vin = 0.45 V
ILI
Input Leakage Current
±10
μA
0.45 V < Vin < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3, 4,
5
-650
μA
Vin = 2.0 V
C
IO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
I
PD
Power-down Current
20(5)
50
μA2.0 V < V
CC < 5.5 V
(3)
ICC
under
RESET
Power Supply Current Maximum values, X1
mode:
(7)
1 + 0.4 Freq
(MHz)
@12MHz 5.8
@16MHz 7.4
mA
VCC = 5.5 V
(1)
I
CC
operating
Power Supply Current Maximum values, X1
mode: (7)
3 + 0.6 Freq
(MHz)
@12MHz 10.2
@16MHz 12.6
mA
V
CC = 5.5 V
(8)
ICC
idle
Power Supply Current Maximum values, X1
mode:
(7)
0.25+0.3 Freq
(MHz)
@12MHz 3.9
@16MHz 5.1
mA
VCC = 5.5 V
(2)
Table 11-1.
DC Parameters in Standard Voltage
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com