Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 64 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 64 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 60Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 61Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 62Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 63Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 64Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 65Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 66Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 67Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 68Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
64
4188E–8051–08/06
AT/TS8xC51Rx2
11.5.2
External Program Memory Characteristics
Table 11-5.
Symbol Description
Table 11-6.
AC Parameters for Fix Clock
Symbol
Parameter
T
Oscillator clock period
TLHLL
ALE pulse width
TAVLL
Address Valid to ALE
TLLAX
Address Hold After ALE
TLLIV
ALE to Valid Instruction In
TLLPL
ALE to PSEN
TPLPH
PSEN Pulse Width
TPLIV
PSEN to Valid Instruction In
TPXIX
Input Instruction Hold After PSEN
TPXIZ
Input Instruction FloatAfter PSEN
TPXAV
PSEN to Address Valid
TAVIV
Address to Valid Instruction In
TPLAZ
PSEN Low to Address Float
Speed
-M
40 MHz
-V
X2 mode
30 MHz
60 MHz equiv.
-V
standard
mode
40 MHz
-L
X2 mode
20 MHz
40 MHz equiv.
-L
standard
mode
30 MHz
Units
Symbol
Min
Max
MinMax
MinMax
MinMax
Min
Max
T
253325
5033
ns
TLHLL
40
25
42
35
52
ns
TAVLL
10412
5
13
ns
TLLAX
10412
5
13
ns
TLLIV
70
45
78
65
98
ns
TLLPL
15917
10
18
ns
TPLPH
55
35
60
50
75
ns
TPLIV
35
25
50
30
55
ns
TPXIX
000
00
ns
TPXIZ
18
12
20
10
18
ns
TAVIV
85
53
95
80
122
ns
TPLAZ
10
10
10
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com