Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 49 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 49 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 45Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 46Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 47Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 48Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 49Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 50Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 51Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 52Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 53Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
49
4188E–8051–08/06
AT/TS8xC51Rx2
7.
Power-Off Flag
The power-off flag allows the user to distinguish between a “cold start” reset and a “warm start”
reset.
A cold start reset is the one induced by V
CC switch-on. A warm start reset occurs while VCC is still
applied to the device and could be generated for example by an exit from power-down.
The power-off flag (POF) is located in PCON register (See Table 7-1). POF is set by hardware
when VCC rises from 0 to its nominal voltage. The POF can be set or cleared by software allow-
ing the user to determine the type of reset.
The POF value is only relevant with a Vcc range from 4.5V to 5.5V. For lower Vcc value, reading
POF bit will return indeterminate value.
Table 7-1.
PCON Register
PCON - Power Control Register (87h)
Reset Value = 00X1 0000b
Not bit addressable
7
6
5
4
3
2
1
0
SMOD1
SMOD0
-
POF
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic
Description
7SMOD1
Serial port Mode bit 1
Set to select double baud rate in mode 1, 2 or 3.
6SMOD0
Serial port Mode bit 0
Clear to select SM0 bit in SCON register.
Set to to select FE bit in SCON register.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4POF
Power-Off Flag
Clear to recognize next reset type.
Set by hardware when VCC rises from 0 to its nominal voltage. Can also be set by
software.
3GF1
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
2GF0
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
1PD
Power-Down mode bit
Cleared by hardware when reset occurs.
Set to enter power-down mode.
0IDL
Idle mode bit
Clear by hardware when interrupt or reset occurs.
Set to enter idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com