Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 55 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 55 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 51Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 52Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 53Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 54Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 55Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 56Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 57Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 58Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 59Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
55
4188E–8051–08/06
AT/TS8xC51Rx2
Figure 9-1.
Set-Up Modes Configuration
9.3.3
Programming Algorithm
The Improved Quick Pulse algorithm is based on the Quick Pulse algorithm and decreases the
number of pulses applied during byte programming from 25 to 1.
To program the TS87C51RB2/RC2/RD2 the following sequence must be exercised:
• Step 1: Activate the combination of control signals.
• Step 2: Input the valid address on the address lines.
• Step 3: Input the appropriate data on the data lines.
• Step 4: Raise EA/VPP from VCC to VPP (typical 12.75V).
• Step 5: Pulse ALE/PROG once.
• Step 6: Lower EA/VPP from VPP to VCC
Repeat step 2 through 6 changing the address and data for the entire array or until the end of
the object file is reached (See Figure 9-2).
9.3.4
Verify algorithm
Code array verify must be done after each byte or block of bytes is programmed. In either case,
a com plete verify of th e p rog ra mm ed array wil l ensure rel iable program m ing of the
TS87C51RB2/RC2/RD2.
P 2.7 is used to enable data output.
To verify the TS87C51RB2/RC2/RD2 code the following sequence must be exercised:
• Step 1: Activate the combination of program and control signals.
• Step 2: Input the valid address on the address lines.
• Step 3: Read data on the data lines.
Repeat step 2 through 3 changing the address for the entire array verification (See Figure 9-2.)
+5V
VCC
P0.0-P0.7
P1.0-P1.7
P2.0-P2.5
P3.4-P3.5
VSS
GND
D0-D7
A0-A7
A8-A15
RST
EA/VPP
ALE/PROG
PSEN
P2.6
P2.7
P3.3
P3.7
P3.6
XTAL1
4 to 6 MHz
CONTROL SIGNALS*
PROGRAM SIGNALS*
* See Table 31. for proper value on these inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com