Electronic Components Datasheet Search
  English  ▼

X  

TS87C51RB2-LIB Datasheet(PDF) 53 Page - International Rectifier

Part # TS87C51RB2-LIB
Description  High Performance 8-bit Microcontroller
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

TS87C51RB2-LIB Datasheet(HTML) 53 Page - International Rectifier

Back Button TS87C51RB2-LIB Datasheet HTML 49Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 50Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 51Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 52Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 53Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 54Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 55Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 56Page - International Rectifier TS87C51RB2-LIB Datasheet HTML 57Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
53
4188E–8051–08/06
AT/TS8xC51Rx2
9.
TS87C51RB2/RC2/RD2 EPROM
9.1
EPROM Structure
The TS87C51RB2/RC2/RD2 EPROM is divided in two different arrays:
• the code array:16/32/64 Kbytes.
• the encryption array:64 bytes.
In addition a third non programmable array is implemented:
• the signature array: 4 bytes.
9.2
EPROM Lock System
The program Lock system, when programmed, protects the on-chip program against software
piracy.
9.2.1
Encryption Array
Within the EPROM array are 64 bytes of encryption array that are initially unprogrammed (all
FF’s). Every time a byte is addressed during program verify, 6 address lines are used to select a
byte of the encryption array. This byte is then exclusive-NOR’ed (XNOR) with the code byte, cre-
ating an encrypted verify byte. The algorithm, with the encryption array in the unprogrammed
state, will return the code in its original, unmodified form.
When using the encryption array, one important factor needs to be considered. If a byte has the
value FFh, verifying the byte will produce the encryption byte value. If a large block (>64 bytes)
of code is left unprogrammed, a verification routine will display the content of the encryption
array. For this reason all the unused code bytes should be programmed with random values.
This will ensure program protection.
9.2.2
Program Lock Bits
The three lock bits, when programmed according to Table 9-1.9.2.3, will provide different level of
protection for the on-chip code and data.
U: unprogrammed,
P: programmed
Table 9-1.
Program Lock bits
Program Lock Bits
Protection Description
Security
level
LB1
LB2
LB3
1U
U
U
No program lock features enabled. Code verify will still be
encrypted by the encryption array if programmed. MOVC
instruction executed from external program memory returns non
encrypted data.
2P
U
U
MOVC instruction executed from external program memory are
disabled from fetching code bytes from internal memory, EA is
sampled and latched on reset, and further programming of the
EPROM is disabled.
3
U
P
U
Same as 2, also verify is disabled.
4
U
U
P
Same as 3, also external execution is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com