Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 34 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 30Page - Analog Devices ADT7516 Datasheet HTML 31Page - Analog Devices ADT7516 Datasheet HTML 32Page - Analog Devices ADT7516 Datasheet HTML 33Page - Analog Devices ADT7516 Datasheet HTML 34Page - Analog Devices ADT7516 Datasheet HTML 35Page - Analog Devices ADT7516 Datasheet HTML 36Page - Analog Devices ADT7516 Datasheet HTML 37Page - Analog Devices ADT7516 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 34 of 44
Table 21.
Bit
Function
D0
0 = enable internal THIGH interrupt.
1 = disable internal THIGH interrupt.
D1
0 = enable internal TLOW interrupt.
1 = disable internal TLOW interrupt.
D2
0 = enable external THIGH interrupt or AIN1 interrupt.
1 = disable external THIGH interrupt or AIN1 interrupt.
D3
0 = enable external TLOW interrupt.
1 = disable external TLOW interrupt.
D4
0 = enable external temperature fault interrupt.
1 = disable external temperature fault interrupt.
D5
0 = enable AIN2 interrupt.
1 = disable AIN2 interrupt.
D6
0 = enable AIN3 interrupt.
1 = disable AIN3 interrupt.
D7
0 = enable AIN4 interrupt.
1 = disable AIN4 interrupt.
Interrupt Mask 2 Register (Read/Write) [Address = 0x1E]
This mask register is an 8-bit read/write register that can be
used to mask any interrupts that can cause the INT/INT pin to
go active.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
01
01
01
01
01
01
01
01
1 Default settings at power-up.
Table 22.
Bit
Function
[D0:D3]
Reserved. Write 0s only.
D4
0 = enable VDD interrupts.
1 = disable VDD interrupts.
[D5:D7]
Reserved. Write 0s only.
Internal Temperature Offset Register (Read/Write)
[Address = 0x1F]
This register contains the offset value for the internal temperature
channel. A twos complement number can be written to this
register and then added to the measured result before it is stored
or compared to limits. In this way, a one-point calibration can
be done, whereby the whole transfer function of the channel
can be moved up or down. From a software point of view, this
can be a very simple method to vary the characteristics of the
measurement channel if the thermal characteristics change.
Because it is an 8-bit register, the temperature resolution is 1°C.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
01
01
01
01
01
01
01
01
1 Default settings at power-up.
External Temperature Offset Register (Read/Write)
[Address = 0x20]
This register contains the offset value for the external temperature
channel. A twos complement number can be written to this
register and is then added to the measured result before it is
stored or compared to limits. In this way, a one-point calibration
can be done, whereby the whole transfer function of the channel
can be moved up or down. From a software point of view, this
can be a very simple method to vary the characteristics of the
measurement channel if the thermal characteristics change.
Because it is an 8-bit register, the temperature resolution is 1°C.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
01
01
01
01
01
01
01
01
1 Default settings at power-up.
Internal Analog Temperature Offset Register
(Read/Write) [Address = 0x21]
This register contains the offset value for the internal thermal
voltage output. A twos complement number can be written to
this register and then added to the measured result before it is
converted by DAC A. Varying the value in this register has the
effect of varying the temperature span. For example, the output
voltage can represent a temperature span of −128°C to +127°C
or even 0°C to +127°C. In essence, this register changes the
position of 0 V on the temperature scale. Temperatures other
than −128°C to +127°C produce an upper deadband on the
DAC A output. Because it is an 8-bit register, the temperature
resolution is 1°C. The default value is −40°C.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
11
11
01
11
11
01
01
01
1 Default settings at power-up.
External Analog Temperature Offset Register
(Read/Write) [Address = 0x22]
This register contains the offset value for the external thermal
voltage output. A twos complement number can be written to
this register and then added to the measured result before it is
converted by DAC B. Varying the value in this register has the
effect of varying the temperature span. For example, the output
voltage can represent a temperature span of −128°C to +127°C
or even 0°C to +127°C. In essence, this register changes the
position of 0 V on the temperature scale. Temperatures other
than −128°C to +127°C produce an upper deadband on the
DAC B output. Because it is an 8-bit register, the temperature
resolution is 1°C. The default value is −40°C.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
11
11
01
11
11
01
01
01
1 Default settings at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com