Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 24 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 20Page - Analog Devices ADT7516 Datasheet HTML 21Page - Analog Devices ADT7516 Datasheet HTML 22Page - Analog Devices ADT7516 Datasheet HTML 23Page - Analog Devices ADT7516 Datasheet HTML 24Page - Analog Devices ADT7516 Datasheet HTML 25Page - Analog Devices ADT7516 Datasheet HTML 26Page - Analog Devices ADT7516 Datasheet HTML 27Page - Analog Devices ADT7516 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 24 of 44
4pF
AIN
100Ω
Figure 52. Equivalent Analog Input ESD Circuit
AIN Interrupts
The measured results from the AIN inputs are compared with
the AIN VHIGH (greater than comparison) and VLOW (less than or
equal to comparison) limits. An interrupt occurs if the AIN
inputs exceed or equal the limit registers. These voltage limits
are stored in on-chip registers. Note that the limit registers are
8 bits long and the AIN conversion result is 10 bits long. If the
voltage limits are not masked out, then any out-of-limit compari-
sons generate flags that are stored in the Interrupt Status 1
register (Address = 0x00) and one or more out-of-limit results
cause the INT/INT output to pull either high or low depending
on the output polarity setting. It is good design practice to mask
out interrupts for channels that are of no concern to the
application. Figure 53 shows the interrupt structure for the
ADT7516/ ADT7517/ADT7519. It gives a block diagram
representation of how the various measurement channels affect
the INT/INT pin.
WATCHDOG
LIMIT
COMPARISONS
INTERRUPT
MASK
REGISTERS
CONTROL
CONFIGURATION
REGISTER 1
INTERRUPT
STATUS
REGISTER
(TEMP AND
AIN1 TO AIN4)
INTERRUPT
STATUS
REGISTER 2
(VDD)
READ RESET
S/W RESET
INTERNAL
TEMP
INT/INT
(LATCHED OUTPUT)
INT/INT
ENABLE BIT
EXTERNAL
TEMP
VDD
DIODE
FAULT
AIN1 TO AIN4
Figure 53. ADT7516/ADT7517/ADT7519 Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com