Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 36 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 32Page - Analog Devices ADT7516 Datasheet HTML 33Page - Analog Devices ADT7516 Datasheet HTML 34Page - Analog Devices ADT7516 Datasheet HTML 35Page - Analog Devices ADT7516 Datasheet HTML 36Page - Analog Devices ADT7516 Datasheet HTML 37Page - Analog Devices ADT7516 Datasheet HTML 38Page - Analog Devices ADT7516 Datasheet HTML 39Page - Analog Devices ADT7516 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 36 of 44
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
01
01
01
01
01
01
01
01
1 Default settings at power-up.
AIN2 VHIGH Limit Register (Read/Write) [Address = 0x2B]
This limit register is an 8-bit read/write register that stores the
AIN2 input upper limit, and causes an interrupt and activates
the INT/INT output (if enabled). For this to happen, the
measured AIN2 value has to be greater than the value in this
register. Because it is an 8-bit register, the resolution is four
times less than the resolution of the 10-bit ADC. The default
value is full-scale voltage.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
11
11
11
11
11
11
11
11
1 Default settings at power-up.
AIN2 VLOW Limit Register (Read/Write) [Address = 0x2C]
This limit register is an 8-bit read/write register that stores the
AIN2 input lower limit, and causes an interrupt and activates
the INT/INT output (if enabled). For this to happen, the meas-
ured AIN2 value has to be less than or equal to the value in this
register. Because it is an 8-bit register, the resolution is four times
less than the resolution of the 10-bit ADC. The default value is 0 V.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
01
01
01
01
01
01
01
01
1 Default settings at power-up.1 Default settings at power-up.
AIN3 VHIGH Limit Register (Read/Write) [Address = 0x2D]
This limit register is an 8-bit read/write register that stores the
AIN3 input upper limit, and causes an interrupt and activates
the INT/INT output (if enabled). For this to happen, the
measured AIN3 value has to be greater than the value in this
register. Because it is an 8-bit register, the resolution is four
times less than the resolution of the 10-bit ADC. The default
value is full-scale voltage.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
11
11
11
11
11
11
11
11
1 Default settings at power-up.
AIN3 VLOW Limit Register (Read/Write) [Address = 0x2E]
This limit register is an 8-bit read/write register that stores the
AIN3 input lower limit, and causes an interrupt and activates
the INT/INT output (if enabled). For this to happen, the meas-
ured AIN3 value has to be less than or equal to the value in this
register. Because it is an 8-bit register, the resolution is four times
less than the resolution of the 10-bit ADC. The default value is 0 V.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
01
01
01
01
01
01
01
01
1 Default settings at power-up.
AIN4 VHIGH Limit Register (Read/Write) [Address = 0x2F]
This limit register is an 8-bit read/write register that stores the
AIN4 input upper limit, and causes an interrupt and activates
the INT/INT output (if enabled). For this to happen, the
measured AIN4 value has to be greater than the value in this
register. Because it is an 8-bit register, the resolution is four
times less than the resolution of the 10-bit ADC. The default
value is full-scale voltage.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
11
11
11
11
11
11
11
11
1 Default settings at power-up.
AIN4 VLOW Limit Register (Read/Write) [Address = 0x30]
This limit register is an 8-bit read/write register that stores the
AIN4 input lower limit, and causes an interrupt and activates
the INT/INT output (if enabled). For this to happen, the measured
AIN4 value has to be less than or equal to the value in this register.
Because it is an 8-bit register, the resolution is four times less
than the resolution of the 10-bit ADC. The default value is 0 V.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
01
01
01
01
01
01
01
01
1 Default settings at power-up.
Device ID Register (Read-Only) [Address = 0x4D]
This 8-bit read-only register indicates the part model of the
device: ADT7516 = 0x03, ADT7517 = 0x07, and ADT7519 = 0x0B.
Manufacturer’s ID Register (Read-Only) [Address = 0x4E]
This register contains the manufacturer’s identification number.
ID number of Analog Devices, Inc. is 0x41.
Silicon Revision Register (Read-Only) [Address = 0x4F]
This register is divided into the four LSBs representing the
stepping and the four MSBs representing the version. The
stepping contains the manufacturer’s code for minor revisions
or steppings to the silicon. The version is the ADT7516/
ADT7517/ADT7519 version number.
SPI Lock Status Register (Read-Only) [Address = 0x7F]
Bit D0 (LSB) of this read-only register indicates whether or not
the SPI interface is locked. Writing to this register causes the
device to malfunction. The default value is 0x00.
0 = I2C interface.
1 = SPI interface selected and locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com