Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 40 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 36Page - Analog Devices ADT7516 Datasheet HTML 37Page - Analog Devices ADT7516 Datasheet HTML 38Page - Analog Devices ADT7516 Datasheet HTML 39Page - Analog Devices ADT7516 Datasheet HTML 40Page - Analog Devices ADT7516 Datasheet HTML 41Page - Analog Devices ADT7516 Datasheet HTML 42Page - Analog Devices ADT7516 Datasheet HTML 43Page - Analog Devices ADT7516 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 40 of 44
D7
D6
D5
D4
D3
D2
D1
D6
D5
D4
D3
D2
D1
D0
D0
D7
1
8
1
8
CS
SCLK
DIN
STOP
D7
D6
D5
D4
D3
D2
D1
D0
1
8
CS (CONTINUED)
SCLK (CONTINUED)
DATA BYTE
REGISTER ADDRESS
WRITE COMMAND
DIN (CONTINUED)
START
Figure 63. SPI—Writing to the Address Pointer Register Followed by a Single Byte of Data to the Selected Register
Write Operation
Figure 63 shows the timing diagram for a write operation to the
ADT7516/ADT7517/ADT7519. Data is clocked into the
registers on the rising edge of SCLK. When the CS line is high,
the DIN and DOUT lines are in three-state mode. Only when
the CS goes from a high to a low does the part accept any data
on the DIN line. In SPI mode, the address pointer register is
capable of auto-incrementing to the next register in the register
map without having to load the address pointer register each
time. In Figure 63, the register address portion gives the first
register that is written to. Subsequent data bytes are written into
sequential writable registers. Thus, after each data byte has been
written into a register, the address pointer register auto-
increments its value to the next available register. The address
pointer register auto-increments from 0x00 to 0x3F and loops
back to start again at 0x00 when it reaches 0x3F.
Read Operation
Figure 64 to Figure 66 show the timing diagrams necessary to
accomplish correct read operations. To read back from a
register, first write to the address pointer register with the
address of the register to be read from. This operation is shown
in Figure 64. Figure 65 shows the procedure for reading back a
single byte of data. The read command is first sent to the part
during the first eight clock cycles. As the read command is
being sent, irrelevant data is output onto the DOUT line.
During the following eight clock cycles, the data contained in
the register selected by the address pointer register is output
onto the DOUT line. Data is output onto the DOUT line on the
falling edge of SCLK. Figure 66 shows the procedure when
reading data from two sequential registers. Multiple data reads
are possible in the SPI interface mode as the address pointer
register is auto-incremental. The address pointer register auto-
increments from 0x00 to 0x3F and loops back to start again at
0x00 when it reaches 0x3F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com