Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 35 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 31Page - Analog Devices ADT7516 Datasheet HTML 32Page - Analog Devices ADT7516 Datasheet HTML 33Page - Analog Devices ADT7516 Datasheet HTML 34Page - Analog Devices ADT7516 Datasheet HTML 35Page - Analog Devices ADT7516 Datasheet HTML 36Page - Analog Devices ADT7516 Datasheet HTML 37Page - Analog Devices ADT7516 Datasheet HTML 38Page - Analog Devices ADT7516 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 35 of 44
VDD VHIGH Limit Register (Read/Write) [Address = 0x23]
This limit register is an 8-bit read/write register that stores the
VDD upper limit, and causes an interrupt and activates the
INT/INT output (if enabled). For this to happen, the measured
VDD value has to be greater than the value in this register. The
default value is 5.46 V.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
11
11
01
01
01
11
11
11
1 Default settings at power-up.
VDD VLOW Limit Register (Read/Write) [Address = 0x24]
This limit register is an 8-bit read/write register that stores the
VDD lower limit, and causes an interrupt and activates the
INT/INT output (if enabled). For this to happen, the measured
VDD value has to be less than or equal to the value in this
register. The default value is 2.7 V.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
01
11
11
01
01
01
11
01
1 Default settings at power-up.
Internal THIGH Limit Register (Read/Write) [Address = 0x25]
This limit register is an 8-bit read/write register that stores the twos
complement of the internal temperature upper limit, and causes
an interrupt and activates the INT/INT output (if enabled). For this
to happen, the measured internal temperature value has to be
greater than the value in this register. Because it is an 8-bit register,
the temperature resolution is 1°C. The default value is +100°C.
Positive Temperature = Limit Register Code (d)
Negative Temperature = Limit Register Code (d) − 256
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
01
11
11
01
01
11
01
01
1 Default settings at power-up.
Internal TLOW Limit Register (Read/Write) [Address = 0x26]
This limit register is an 8-bit read/write register that stores the
twos complement of the internal temperature lower limit, and
causes an interrupt and activates the INT/INT output (if enabled).
For this to happen, the measured internal temperature value has
to be more negative than or equal to the value in this register.
Because it is an 8-bit register, the temperature resolution is 1°C.
The default value is −55°C.
Positive Temperature = Limit Register Code (d)
Negative Temperature = Limit Register Code (d) − 256
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
11
11
01
01
11
01
01
11
1 Default settings at power-up.
External THIGH/AIN1 VHIGH Limit Register (Read/Write)
[Address = 0x27]
If Pin 7 and Pin 8 are configured for the external temperature
sensor, this limit register is an 8-bit read/write register that
stores the twos complement of the external temperature upper
limit, and causes an interrupt and activates the INT/INT output
(if enabled). For this to happen, the measured external
temperature value has to be greater than the value in this
register. Because it is an 8-bit register, the temperature
resolution is 1°C. The default value is −1°C.
Positive Temperature = Limit Register Code (d)
Negative Temperature = Limit Register Code (d) − 256
If Pin 7 and Pin 8 are configured for AIN1 and AIN2 inputs,
this limit register is an 8-bit read/write register that stores the
AIN1 input upper limit, and causes an interrupt and activates
the INT/INT output (if enabled). For this to happen, the
measured AIN1 value has to be greater than the value in this
register. Because it is an 8-bit register, the resolution is four
times less than the resolution of the 10-bit ADC. Because the
power-up default settings for Pin 7 and Pin 8 are AIN1 and
AIN2 inputs, the default value for this limit register is full-scale
voltage.
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
11
11
11
11
11
11
11
11
1 Default settings at power-up.
External TLOW/AIN1 VLOW Limit Register (Read/Write)
[Address = 0x28]
If Pin 7 and Pin 8 are configured for the external temperature
sensor, this limit register is an 8-bit read/write register that
stores the twos complement of the external temperature lower
limit, and causes an interrupt and activates the INT/INT output
(if enabled). For this to happen, the measured external
temperature value has to be more negative than or equal to the
value in this register. Because it is an 8-bit register, the
temperature resolution is 1°C. The default value is 0°C.
Positive Temperature = Limit Register Code (d)
Negative Temperature = Limit Register Code (d) − 256
If Pin 7 and Pin 8 are configured for AIN1 and AIN2 inputs,
this limit register is an 8-bit read/write register that stores the
AIN1 input lower limit, and causes an interrupt and activates
the INT/INT output (if enabled). For this to happen, the
measured AIN1 value has to be less than or equal to the value in
this register. Because it is an 8-bit register, the resolution is four
times less than the resolution of the 10-bit ADC. Because the
power-up default settings for Pin 7 and Pin 8 are AIN1 and
AIN2 inputs, the default value for this limit register is 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com