Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 32 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 28Page - Analog Devices ADT7516 Datasheet HTML 29Page - Analog Devices ADT7516 Datasheet HTML 30Page - Analog Devices ADT7516 Datasheet HTML 31Page - Analog Devices ADT7516 Datasheet HTML 32Page - Analog Devices ADT7516 Datasheet HTML 33Page - Analog Devices ADT7516 Datasheet HTML 34Page - Analog Devices ADT7516 Datasheet HTML 35Page - Analog Devices ADT7516 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 32 of 44
Control Configuration 1 Register (Read/Write)
[Address = 0x18]
This configuration register is an 8-bit read/write register that is
used to set up some of the operating modes of the ADT7516/
ADT7517/ADT7519.
Table 15. Control Configuration 1
D7
D6
D5
D4
D3
D2
D1
D0
PD
C6
C5
C4
C3
C2
C1
C0
01
01
01
01
01
01
01
01
1 Default settings at power-up.
Table 16.
Bit
Function
C0
This bit enables/disables conversions in round robin
and single-channel mode.
ADT7516/ADT7517/ADT7519 powers up in round
robin mode but monitoring is not initiated until this bit
is set. The default = 0.
0 = stop monitoring.
1 = start monitoring.
[C1:C2]
Selects between the two different analog inputs on
Pin 7 and Pin 8. ADT7516/ADT7517/ADT7519 powers
up with AIN1 and AIN2 selected.
00 = AIN1 and AIN2 selected.
01 = undefined.
10 = external TDM selected.
11 = undefined.
C3
Selects between digital (LDAC) and analog inputs
(AIN3) on Pin 9. When AIN3 is selected, Bit C3 of the
Control Configuration 3 register is masked and has no
effect until LDAC is selected as the input on Pin 9.
0 = LDAC selected.
1 = AIN3 selected.
C4
Reserved. Write 0 only.
C5
0 = enable INT/INT output.
1 = disable INT/INT output.
C6
Configures INT/INT output polarity.
0 = active low.
1 = active high.
PD
Power-Down Bit. Setting this bit to 1 puts the
ADT7516/ADT7517/ADT7519 into standby mode. In
this mode, both ADC and DACs are fully powered
down, but the serial interface is still operational. To
power up the part again, just write 0 to this bit.
Control Configuration 2 Register (Read/Write)
[Address = 0x19]
This configuration register is an 8-bit read/write register that is
used to set up some of the operating modes of the ADT7516/
ADT7517/ADT7519.
D7
D6
D5
D4
D3
D2
D1
D0
C7
C6
C5
C4
C3
C2
C1
C0
01
01
01
01
01
01
01
01
1 Default settings at power-up.
Table 17.
Bit
Function
[C0:C2]
In single-channel mode, these bits select between VDD,
the internal temperature sensor, external temperature
sensor/AIN1, AIN2, AIN3, and AIN4 for conversion. The
default is VDD.
000 = VDD.
001 = internal temperature sensor.
010 = external temperature sensor/AIN1.
(Bits[C1:C2] of the Control Configuration 1 register
affect this selection).
011 = AIN2.
100 = AIN3.
101 = AIN4.
110 to 111 = reserved.
C3
Reserved.
C4
Selects between single-channel and round robin
conversion cycle. The default is round robin.
0 = round robin.
1 = single channel.
C5
Default condition is to average every measurement on
all channels 16 times. This bit disables this averaging.
Channels affected are temperature, analog inputs, and
VDD.
0 = enable averaging.
1 = disable averaging.
C6
SMBus timeout on the serial clock puts a 25 ms limit
on the pulse width of the clock, ensuring that a fault
on the master SCL does not lock up the SDA line.
0 = disable SMBus timeout.
1 = enable SMBus timeout.
C7
Software Reset. Setting this bit to 1 causes a software
reset. All registers and DAC outputs reset to their
default settings.
Control Configuration 3 Register (Read/Write)
[Address = 0x1A]
This configuration register is an 8-bit read/write register that is
used to set up some of the operating modes of the ADT7516/
ADT7517/ADT7519.
D7
D6
D5
D4
D3
D2
D1
D0
C7
C6
C5
C4
C3
C2
C1
C0
01
01
01
01
01
01
01
01
1 Default settings at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com