Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 12 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 8Page - Analog Devices ADT7516 Datasheet HTML 9Page - Analog Devices ADT7516 Datasheet HTML 10Page - Analog Devices ADT7516 Datasheet HTML 11Page - Analog Devices ADT7516 Datasheet HTML 12Page - Analog Devices ADT7516 Datasheet HTML 13Page - Analog Devices ADT7516 Datasheet HTML 14Page - Analog Devices ADT7516 Datasheet HTML 15Page - Analog Devices ADT7516 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 12 of 44
0.30
1.0
1.52.02.53.03.54.04.5
5.0
VREF (V)
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
INL WCP
DNL WCP
DNL WCN
INL WCN
Figure 14. ADT7519 DAC INL and DNL Error vs. VREF
0.14
–40
110
80
50
20
–10
TEMPERATURE (°C)
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
DNL WCN
INL WCP
INL WCN
DNL WCP
Figure 15. ADT7519 DAC INL Error and DNL Error vs. Temperature
0
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
–1.8
–1.6
–1.4
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
OFFSET ERROR
GAIN ERROR
Figure 16. DAC Offset Error and Gain Error vs. Temperature
–20
–15
–10
–5
0
5
10
2.7
3.3
3.6
4.0
VDD (V)
4.5
5.0
5.5
OFFSET ERROR
GAIN ERROR
VREF = 2.25V
Figure 17. DAC Offset Error and Gain Error vs. VDD
SOURCE CURRENT
SINK CURRENT
2.505
2.465
2.470
2.475
2.480
2.485
2.490
2.495
2.500
01
2
3
CURRENT (mA)
45
6
VDD = 5V
VREF = 5V
DAC OUTPUT
LOADED TO MIDSCALE
Figure 18. DAC VOUT Source and Sink Current Capability
1.98
04
3500
3000
2500
2000
1500
1000
500
DAC CODE
1.86
1.88
1.90
1.92
1.94
1.96
000
DAC OUTPUT UNLOADED
DAC OUTPUT LOADED
Figure 19. Supply Current vs. DAC Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com