Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 29 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 25Page - Analog Devices ADT7516 Datasheet HTML 26Page - Analog Devices ADT7516 Datasheet HTML 27Page - Analog Devices ADT7516 Datasheet HTML 28Page - Analog Devices ADT7516 Datasheet HTML 29Page - Analog Devices ADT7516 Datasheet HTML 30Page - Analog Devices ADT7516 Datasheet HTML 31Page - Analog Devices ADT7516 Datasheet HTML 32Page - Analog Devices ADT7516 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 29 of 44
R/W
Address
Name
Power-On
Default
0x14
DAC C LSBs (ADT7516/ADT7517 only)
0x00
0x15
DAC C MSBs
0x00
0x16
DAC D LSBs (ADT7516/ADT7517 only)
0x00
0x17
DAC D MSBs
0x00
0x18
Control Configuration 1
0x00
0x19
Control Configuration 2
0x00
0x1A
Control Configuration 3
0x00
0x1B
DAC Configuration
0x00
0x1C
LDAC Configuration
0x00
0x1D
Interrupt Mask 1
0x00
0x1E
Interrupt Mask 2
0x00
0x1F
Internal Temp Offset
0x00
0x20
External Temp Offset
0x00
0x21
Internal Analog Temp Offset
0xD8
0x22
External Analog Temp Offset
0xD8
0x23
VDD VHIGH Limit
0xC7
0x24
VDD VLOW Limit
0x62
0x25
Internal THIGH Limit
0x64
0x26
Internal TLOW Limit
0xC9
0x27
External THIGH/AIN1 VHIGH Limits
0xFF
0x28
External TLOW/AIN1 VLOW Limits
0x00
0x29 to
0x2A
Reserved
0x2B
AIN2 VHIGH Limit
0xFF
0x2C
AIN2 VLOW Limit
0x 00
0x2D
AIN3 VHIGH Limit
0xFF
0x2E
AIN3 VLOW Limit
0x00
0x2F
AIN4 VHIGH Limit
0xFF
0x30
AIN4 VLOW Limit
0x00
0x31 to
0x4C
Reserved
0x4D
Device ID
0x03/0x0B/0x07
0x4E
Manufacturer’s ID
0x41
0x4F
Silicon Revision
Check register
for current
silicon revision
0x50 to
0x7E
Reserved
0x00
0x7F
SPI Lock Status
0x00
0x80 to
0xFF
Reserved
0x00
Interrupt Status 1 Register (Read-Only) [Address 0x00]
This 8-bit read-only register reflects the status of some of the
interrupts that can cause the INT/INT pin to go active. This
register is reset by a read operation, provided that any out-of-
limit event has been corrected. It is also reset by a software reset.
D7
D6
D5
D4
D3
D2
D1
D0
01
01
01
01
01
01
01
01
1 Default settings at power-up.
Table 11.
Bit
Function
D0
1 when the internal temperature value exceeds THIGH limit.
Any internal temperature reading greater than the set limit
causes an out-of-limit event.
D1
1 when internal temperature value exceeds TLOW limit. Any
internal temperature reading less than or equal to the set
limit causes an out-of-limit event.
D2
This status bit is linked to the configuration of Pin 7 and
Pin 8. If configured for external temperature sensor, this bit
is 1 when the external temperature value exceeds THIGH
limit. The default value for this limit register is –1°C, so any
external temperature reading greater than the set limit
causes an out-of-limit event. If configured for AIN1 and
AIN2, this bit is 1 when AIN1 input voltage exceeds VHIGH or
VLOW limits.
D3
1 when external temperature value exceeds TLOW limit. The
default value for this limit register is 0°C, so any external
temperature reading less than or equal to the set limit
causes an out-of-limit event.
D4
1 indicates a fault (open or short) for the external
temperature sensor.
D5
1 when AIN2 voltage is greater than its corresponding VHIGH
limit. 1 when AIN2 voltage is less than or equal to its
corresponding VLOW limit.
D6
1 when AIN3 voltage is greater than its corresponding VHIGH
limit. 1 when AIN3 voltage is less than or equal to its
corresponding VLOW limit.
D7
1 when AIN4 voltage is greater than its corresponding VHIGH
limit. 1 when AIN4 voltage is less than or equal to its
corresponding VLOW limit.
Interrupt Status 2 Register (Read-Only) [Address = 0x01]
This 8-bit read-only register reflects the status of the VDD
interrupt that can cause the INT/INT pin to go active. This
register is reset by a read operation, provided that any out-of-
limit event has been corrected. It is also reset by a software reset.
D7
D6
D5
D4
D3
D2
D1
D0
N/A
N/A
N/A
01
N/A
N/A
N/A
N/A
1 Default settings at power-up.
Table 12.
Bit
Function
D4
1 when VDD value is greater than its corresponding VHIGH
limit. 1 when VDD is less than or equal to its corresponding
VLOW limit.
Internal Temperature Value/VDD Value Register LSBs
(Read-Only) [Address = 0x03]
This 8-bit read-only register stores the two LSBs of the 10-bit
temperature reading from the internal temperature sensor and
the two LSBs of the 10-bit supply voltage reading.
D7
D6
D5
D4
D3
D2
D1
D0
N/A
N/A
N/A
N/A
V1
LSB
T1
LSB
N/A
N/A
N/A
N/A
01
01
01
01
1 Default settings at power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com