Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 43 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 36Page - Analog Devices ADT7516 Datasheet HTML 37Page - Analog Devices ADT7516 Datasheet HTML 38Page - Analog Devices ADT7516 Datasheet HTML 39Page - Analog Devices ADT7516 Datasheet HTML 40Page - Analog Devices ADT7516 Datasheet HTML 41Page - Analog Devices ADT7516 Datasheet HTML 42Page - Analog Devices ADT7516 Datasheet HTML 43Page - Analog Devices ADT7516 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 43 of 44
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-137-AB
16
9
8
1
PIN 1
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.010
0.006
0.050
0.016
8°
0°
COPLANARITY
0.004
0.065
0.049
0.069
0.053
0.197
0.193
0.189
0.158
0.154
0.150
0.244
0.236
0.228
Figure 70. 16-Lead Shrink Small Outline Package [QSOP]
(RQ-16)
Dimensions shown in inches
ORDERING GUIDE
Model
Temperature Range
DAC
Resolution
Package
Description
Package Option
Ordering
Quantity
ADT7519ARQ
–40°C to +120°C
8 Bits
16-Lead QSOP
RQ-16
98
ADT7519ARQ-REEL
–40°C to +120°C
8 Bits
16-Lead QSOP
RQ-16
2,500
ADT7519ARQ-REEL7
–40°C to +120°C
8 Bits
16-Lead QSOP
RQ-16
1,000
ADT7519ARQZ1
–40°C to +120°C
8 Bits
16-Lead QSOP
RQ-16
98
ADT7519ARQZ-REEL1
–40°C to +120°C
8 Bits
16-Lead QSOP
RQ-16
2,500
ADT7519ARQZ-REEL71
–40°C to +120°C
8 Bits
16-Lead QSOP
RQ-16
1,000
ADT7517ARQ
–40°C to +120°C
10 Bits
16-Lead QSOP
RQ-16
98
ADT7517ARQ-REEL
–40°C to +120°C
10 Bits
16-Lead QSOP
RQ-16
2,500
ADT7517ARQ-REEL7
–40°C to +120°C
10 Bits
16-Lead QSOP
RQ-16
1,000
ADT7517ARQZ1
–40°C to +120°C
10 Bits
16-Lead QSOP
RQ-16
98
ADT7517ARQZ-REEL1
–40°C to +120°C
10 Bits
16-Lead QSOP
RQ-16
2,500
ADT7517ARQZ-REEL71
–40°C to +120°C
10 Bits
16-Lead QSOP
RQ-16
1,000
ADT7516ARQ
–40°C to +120°C
12 Bits
16-Lead QSOP
RQ-16
98
ADT7516ARQ-REEL
–40°C to +120°C
12 Bits
16-Lead QSOP
RQ-16
2,500
ADT7516ARQ-REEL7
–40°C to +120°C
12 Bits
16-Lead QSOP
RQ-16
1,000
ADT7516ARQZ1
–40°C to +120°C
12 Bits
16-Lead QSOP
RQ-16
98
ADT7516ARQZ-REEL1
–40°C to +120°C
12 Bits
16-Lead QSOP
RQ-16
2,500
ADT7516ARQZ-REEL71
–40°C to +120°C
12 Bits
16-Lead QSOP
RQ-16
1,000
EVAL-ADT7516EB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com