Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 5 Page - Analog Devices

  ADT7516 Datasheet HTML 1Page - Analog Devices ADT7516 Datasheet HTML 2Page - Analog Devices ADT7516 Datasheet HTML 3Page - Analog Devices ADT7516 Datasheet HTML 4Page - Analog Devices ADT7516 Datasheet HTML 5Page - Analog Devices ADT7516 Datasheet HTML 6Page - Analog Devices ADT7516 Datasheet HTML 7Page - Analog Devices ADT7516 Datasheet HTML 8Page - Analog Devices ADT7516 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 5 of 44
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
ON-CHIP REFERENCE
Reference Voltage4
2.2662
2.28
2.2938
V
Temperature Coefficient4
80
ppm/°C
OUTPUT CHARACTERISTICS4
Output Voltage6
0.001
VDD − 0.1
V
This is a measure of the minimum and maximum
drive capability of the output amplifier
DC Output Impedance
0.5
Ω
Short Circuit Current
25
mA
VDD = 5 V
16
mA
VDD = 3 V
Power-Up Time
2.5
μs
Coming out of power-down mode, VDD = 5 V
5
μs
Coming out of power-down mode, VDD = 3.3 V
DIGITAL INPUTS4
Input Current
±1
μA
VIN = 0 V to VDD
VIL, Input Low Voltage
0.8
V
VIH, Input High Voltage
1.89
V
Pin Capacitance
3
10
pF
All digital inputs
SCL, SDA Glitch Rejection
50
ns
Input filtering suppresses noise spikes of less
than 50 ns
LDAC Pulse Width
20
ns
Edge triggered input
DIGITAL OUTPUT
Digital High Voltage, VOH
2.4
V
ISOURCE = ISINK = 200 μA
Output Low Voltage, VOL
0.4
V
IOL = 3 mA
Output High Current, IOH
1
mA
VOH = 5 V
Output Capacitance, COUT
50
pF
INT/INT Output Saturation Voltage
0.8
V
IOUT = 4 mA
I2C TIMING CHARACTERISTICS7, 8
Serial Clock Period, t1
2.5
μs
Fast mode I2C, see Figure 2
Data In Setup Time to SCL High, t2
50
ns
Data Out Stable after SCL Low, t3
0
ns
See Figure 2
SDA Low Setup Time to SCL
Low (Start Condition), t4
50
ns
See Figure 2
SDA High Hold Time after SCL
High (Stop Condition), t5
50
ns
See Figure 2
SDA and SCL Fall Time, t6
300
ns
See Figure 2
SDA and SCL Rise Time, t7
3009
ns
See Figure 2
SPI TIMING CHARACTERISTICS4, 10
CS to SCLK Setup Time, t1
0
ns
See Figure 3
SCLK High Pulse Width, t2
50
ns
See Figure 3
SCLK Low Pulse Width, t3
50
ns
See Figure 3
Data Access Time after SCLK
Falling Edge, t411
35
ns
Data Setup Time Prior to SCLK
Rising Edge, t5
20
ns
See Figure 3
Data Hold Time after SCLK
Rising Edge, t6
0
ns
See Figure 3
CS to SCLK Hold Time, t7
0
μs
See Figure 3
CS to DOUT High Impedance, t8
40
ns
See Figure 3
POWER REQUIREMENTS
VDD
2.7
5.5
V
VDD Settling Time
50
ms
VDD settles to within 10% of its final voltage level
IDD (Normal Mode)12
3
mA
VDD = 3.3 V, VIH = VDD, and VIL = GND
2.2
3
mA
VDD = 5 V, VIH = VDD, and VIL = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com