Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 14 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 10Page - Analog Devices ADT7516 Datasheet HTML 11Page - Analog Devices ADT7516 Datasheet HTML 12Page - Analog Devices ADT7516 Datasheet HTML 13Page - Analog Devices ADT7516 Datasheet HTML 14Page - Analog Devices ADT7516 Datasheet HTML 15Page - Analog Devices ADT7516 Datasheet HTML 16Page - Analog Devices ADT7516 Datasheet HTML 17Page - Analog Devices ADT7516 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 14 of 44
0
–12
–10
–8
–6
–4
–2
12
3
VREF (V)
45
VDD = 5V
TA = 25°C
Figure 26. DAC Full-Scale Error vs. VREF
2.329
01
2
3
45
TIME (µs)
2.322
2.323
2.324
2.325
2.326
2.327
2.328
VDD = 5V
VREF = 5V
DAC OUTPUT LOADED
TO MIDSCALE
Figure 27. DAC-to-DAC Crosstalk
1.0
0
200
400
600
800
1000
ADC CODE
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
Figure 28. ADC INL with VREF = VDD (3.3 V)
–10
–60
–50
–40
–30
–20
0
110
FREQUENCY (kHz)
100
±100mV RIPPLE ON VCC
VREF = 2.25V
VDD = 3.3V
TEMPERATURE = 25
°C
Figure 29. PSRR vs. Supply Ripple Frequency
TEMPERATURE (°C)
–30
0
40
85
120
1.5
–1.0
–0.5
0
0.5
1.0
EXTERNAL TEMPERATURE @ 3.3V
INTERNAL TEMPERATURE @ 5V
INTERNAL TEMPERATURE @ 3.3V
EXTERNAL TEMPERATURE @ 5V
Figure 30. Internal Temperature Error @ 3.3 V and 5 V
–1
0
1
2
3
–2
–3
–4
VDD = 3.3V
–40
–20
0
TEMPERATURE (
°C)
20
40
60
80
100
120
GAIN ERROR
OFFSET ERROR
Figure 31. ADC Offset Error and Gain Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com