Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 25 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 21Page - Analog Devices ADT7516 Datasheet HTML 22Page - Analog Devices ADT7516 Datasheet HTML 23Page - Analog Devices ADT7516 Datasheet HTML 24Page - Analog Devices ADT7516 Datasheet HTML 25Page - Analog Devices ADT7516 Datasheet HTML 26Page - Analog Devices ADT7516 Datasheet HTML 27Page - Analog Devices ADT7516 Datasheet HTML 28Page - Analog Devices ADT7516 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 25 of 44
FUNCTIONAL DESCRIPTION—MEASUREMENT
Temperature Sensor
The ADT7516/ADT7517/ADT7519 contain an ADC with
special input signal conditioning to enable operation with
external and on-chip diode temperature sensors. When the
ADT7516/ADT7517/ADT7519 operate in single-channel mode,
the ADC continually processes the measurement taken on one
channel only. This channel is preselected by Bits[C0:C2] in the
Control Configuration 2 register (Address 0x19). When in
round robin mode, the analog input multiplexer sequentially
selects the VDD input channel, the on-chip temperature sensor
to measure its internal temperature, either the external tempera-
ture sensor or AIN1 and AIN2, AIN3, and then AIN4. These
signals are digitized by the ADC and the results are stored in
the various value registers.
The measured results from the temperature sensors are com-
pared with the internal and external THIGH and TLOW limits.
These temperature limits are stored in on-chip registers. If the
temperature limits are not masked, any out-of-limit comparisons
generate flags that are stored in the Interrupt Status 1 register.
One or more out-of-limit results cause the INT/INT output to
pull either high or low depending on the output polarity setting.
Theoretically, the temperature measuring circuit can measure
temperatures from −128°C to +127°C with a resolution of
0.25°C. However, temperatures outside TA are outside the
guaranteed operating temperature range of the device.
Temperature measurement from −128°C to +127°C is possible
using an external sensor.
Temperature measurement is initiated by three methods. The
first method is applicable when the part is in single-channel
measurement mode. The temperature is measured 16 times and
internally averaged to reduce noise. In single-channel mode, the
part is continuously monitoring the selected channel, that is, as
soon as one measurement is taken another one is started on the
same channel. The total time to measure a temperature channel
with the ADC operating at slow speed is typically 11.4 ms
(712 μs × 16) for the internal temperature sensor and 24.22 ms
(1.51 ms × 16) for the external temperature sensor. The new
temperature value is stored in two 8-bit registers and is ready
for reading by the I2C or SPI interface. The user has the option
of disabling the averaging by setting Bit 5 in the Control
Configuration 2 register (Address 0x19). The ADT7516/
ADT7517/ADT7519 default on power-up is with averaging
enabled.
The second method is applicable when the part is in round
robin measurement mode. The part measures both the internal
and external temperature sensors as it cycles through all
possible measurement channels. The two temperature channels
are measured each time the part runs a round robin sequence.
In round robin mode, the part is continuously measuring all
channels.
Temperature measurement is also initiated after every read or
write to the part when the part is in either single-channel
measurement mode or round robin measurement mode.
Once serial communication has started, any conversion in
progress stops and the ADC resets. Conversion restarts
immediately after the serial communication has finished. The
temperature measurement proceeds normally as described above.
VDD Monitoring
The ADT7516/ADT7517/ADT7519 also have the ability to
monitor their own power supply. The part measures the voltage
on its VDD pin to a resolution of 10 bits. The resulting value is
stored in two 8-bit registers; the two LSBs are stored in register
Address 0x03 and the eight MSBs are stored in register
Address 0x06. This allows the option of doing just a 1-byte read
if 10-bit resolution is not important. The measured result is
compared with the VHIGH and VLOW limits. If the VDD interrupt is
not masked, any out-of-limit comparison generates a flag in the
Interrupt Status 2 register and one or more out-of-limit results
cause the INT/INT output to pull either high or low, depending
on the output polarity setting.
Measuring the voltage on the VDD pin is regarded as monitoring
a channel along with the internal, external, and AIN channels.
The user can select the VDD channel for single-channel
measurement by setting Bit C4 = 1 and setting Bits[C0:C2] to all
0s in the Control Configuration 2 register.
When measuring the VDD value, the reference for the ADC is
sourced from the internal reference. Table 8 shows the data
format. As the maximum measurable VDD voltage is 7 V,
internal scaling is performed on the VDD voltage to match the
2.28 V internal reference value. Following is an example of how
the transfer function works:
VDD = 5 V
ADC Reference = 2.28 V
1 LSB = ADC Reference/210
= 2.28/1024
= 2.226 mV
Scale Factor = Full-Scale VCC/ADC Reference
= 7/2.28
= 3.07
Conversion Result = VDD/(Scale Factor × LSB size)
= 5/(3.07 × 2.226 mV)
= 0x2DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com