Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 4 Page - Analog Devices

  ADT7516 Datasheet HTML 1Page - Analog Devices ADT7516 Datasheet HTML 2Page - Analog Devices ADT7516 Datasheet HTML 3Page - Analog Devices ADT7516 Datasheet HTML 4Page - Analog Devices ADT7516 Datasheet HTML 5Page - Analog Devices ADT7516 Datasheet HTML 6Page - Analog Devices ADT7516 Datasheet HTML 7Page - Analog Devices ADT7516 Datasheet HTML 8Page - Analog Devices ADT7516 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 4 of 44
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
External Temperature Sensor
External transistor = 2N3906
Accuracy @ VDD = 3.3 V ±10%
±1.5
°C
TA = 85°C
±3
°C
TA = 0°C to +85°C
±5
°C
TA = −40°C to +120°C
Accuracy @ VDD = 5 V ±5%
±2
±3
°C
TA = 0°C to +85°C
±3
±5
°C
TA = −40°C to +120°C
Resolution
10
Bits
Equivalent to 0.25°C
Output Source Current
180
μA
High level
11
μA
Low level
Thermal Voltage Output
8-Bit DAC Output
Resolution
1
°C
Scale Factor
8.97
mV/°C
0 V to VREF output, TA = −40°C to +120°C
17.58
mV/°C
0 V to 2 VREF output, TA = −40°C to +120°C
10-Bit DAC Output
Resolution
0.25
°C
Scale Factor
2.2
mV/°C
0 V to VREF output, TA = −40°C to +120°C
4.39
mV/°C
0 V to 2 VREF output, TA = −40°C to +120°C
CONVERSION TIMES
Single channel mode
Slow ADC
VDD/AIN
11.4
ms
Averaging (16 samples) on
712
μs
Averaging off
Internal Temperature
11.4
ms
Averaging (16 samples) on
712
μs
Averaging off
External Temperature
24.22
ms
Averaging (16 samples) on
1.51
ms
Averaging off
Fast ADC
VDD/AIN
712
μs
Averaging (16 samples) on
44.5
μs
Averaging off
Internal Temperature
2.14
ms
Averaging (16 samples) on
134
μs
Averaging off
External Temperature
14.25
ms
Averaging (16 samples) on
890
μs
Averaging off
ROUND ROBIN UPDATE RATE5
Time to complete one measurement cycle
through all channels
Slow ADC @ 25°C
Averaging On
79.8
ms
AIN1 and AIN2 are selected on Pin 7 and Pin 8
Averaging Off
4.99
ms
AIN1 and AIN2 are selected on Pin 7 and Pin 8
Averaging On
94.76
ms
D+ and D– are selected on Pin 7 and Pin 8
Averaging Off
9.26
ms
D+ and D– are selected on Pin 7 and Pin 8
Fast ADC @ 25°C
Averaging On
6.41
ms
AIN1 and AIN2 are selected on Pin 7 and Pin 8
Averaging Off
400.84
μs
AIN1 and AIN2 are selected on Pin 7 and Pin 8
Averaging On
21.77
ms
D+ and D– are selected on Pin 7 and Pin 8
Averaging Off
3.07
ms
D+ and D– are selected on Pin 7 and Pin 8
DAC EXTERNAL REFERENCE INPUT4
VREF Input Range
1
VDD
V
Buffered reference
VREF Input Impedance
>10
MΩ
Buffered reference and power-down mode
Reference Feedthrough
–90
dB
Frequency = 10 kHz
Channel-to-Channel Isolation
–75
dB
Frequency = 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com