Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 9 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 5Page - Analog Devices ADT7516 Datasheet HTML 6Page - Analog Devices ADT7516 Datasheet HTML 7Page - Analog Devices ADT7516 Datasheet HTML 8Page - Analog Devices ADT7516 Datasheet HTML 9Page - Analog Devices ADT7516 Datasheet HTML 10Page - Analog Devices ADT7516 Datasheet HTML 11Page - Analog Devices ADT7516 Datasheet HTML 12Page - Analog Devices ADT7516 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 9 of 44
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to GND
–0.3 V to +7 V
Analog Input Voltage to GND
–0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
–0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
–0.3 V to VDD + 0.3 V
Reference Input Voltage to GND
–0.3 V to VDD + 0.3 V
Operating Temperature Range
–40°C to +120°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
Power Dissipation1
(TJ max – TA)/θJA
Thermal Impedance2
θJA Junction-to-Ambient
105.44°C/W
θJC Junction-to-Case
38.8°C/W
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature
10 sec to 20 sec
Ramp-Up Rate
3°C/sec maximum
Ramp-Down Rate
–6°C/sec maximum
Time 25°C to Peak Temperature
6 min maximum
IR Reflow Soldering (Pb-Free Package)
Peak Temperature
260°C (+0°C)
Time at Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/sec maximum
Ramp-Down Rate
–6°C/sec maximum
Time 25°C to Peak Temperature
8 min maximum
1 Values relate to the package being used on a 4-layer board.
2 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, for example, components mounted on a heat
sink. Junction-to-ambient resistance is more useful for air cooled PCB-
mounted components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. I2C Address Selection
ADD Pin
I2C Address
Low
1001 000
Float
1001 010
High
1001 011
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com