Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 37 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 33Page - Analog Devices ADT7516 Datasheet HTML 34Page - Analog Devices ADT7516 Datasheet HTML 35Page - Analog Devices ADT7516 Datasheet HTML 36Page - Analog Devices ADT7516 Datasheet HTML 37Page - Analog Devices ADT7516 Datasheet HTML 38Page - Analog Devices ADT7516 Datasheet HTML 39Page - Analog Devices ADT7516 Datasheet HTML 40Page - Analog Devices ADT7516 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 37 of 44
SERIAL INTERFACE
There are two serial interfaces that can be used on this part, I2C
and SPI. The device powers up with the serial interface in I2C
mode, but it is not locked into this mode. To stay in I2C mode, it
is recommended that the user tie the CS line to either VCC or
GND. It is not possible to lock the I2C mode, but it is possible to
select and lock the SPI mode.
To select and lock the interface into the SPI mode, a number of
pulses must be sent down the CS line (Pin 4). The following
section describes how this is done.
Once the SPI communication protocol has been locked in, it
cannot be unlocked while the device is still powered up. Bit D0
of the SPI lock status register (Address 0x7F) is set to 1 when a
successful SPI interface lock has been accomplished. To reset
the serial interface, the user must power down the part and
power it up again. A software reset does not reset the serial
interface.
Serial Interface Selection
The CS line controls the selection between I2C and SPI.
Figure 59 shows the selection process necessary to lock the SPI
interface mode.
To communicate to the ADT7516/ADT7517/ADT7519 using
the SPI protocol, send three pulses down the CS line as shown
in Figure 59. On the third rising edge (marked as C in Figure 59),
the part selects and locks the SPI interface. The user is now
limited to communicating to the device using the SPI protocol.
As per most SPI standards, the CS line must be low during
every SPI communication to the ADT7516/ADT7517/ADT7519
and high all other times. Typical examples of how to connect the
dual interface as I2C or SPI are shown in Figure 57 and Figure 58.
The following sections describe in detail how to use the I2C and
SPI protocols associated with the ADT7516/ADT7517/ADT7519.
ADT7516/
ADT7517/
ADT7519
CS
SDA
SCL
ADD
VDD
VDD
I2C ADDRESS = 1001 000
10kΩ
10kΩ
Figure 57. Typical I2C Interface Connection
ADT7516/
ADT7517/
ADT7519
SCLK
DOUT
CS
VDD
LOCK AND
SELECT SPI
SPI FRAMING
EDGE
820Ω
820Ω
820Ω
DIN
Figure 58. Typical SPI Interface Connection.
A
B
CS
(START HIGH)
SPI LOCKED ON
THIRD RISING EDGE
C
SPI FRAMING
EDGE
A
B
CS
(START LOW)
SPI LOCKED ON
THIRD RISING EDGE
C
SPI FRAMING
EDGE
Figure 59. Serial Interface—Selecting and Locking SPI Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com