Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 1 Page - Analog Devices

  ADT7516 Datasheet HTML 1Page - Analog Devices ADT7516 Datasheet HTML 2Page - Analog Devices ADT7516 Datasheet HTML 3Page - Analog Devices ADT7516 Datasheet HTML 4Page - Analog Devices ADT7516 Datasheet HTML 5Page - Analog Devices ADT7516 Datasheet HTML 6Page - Analog Devices ADT7516 Datasheet HTML 7Page - Analog Devices ADT7516 Datasheet HTML 8Page - Analog Devices ADT7516 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
SPI-/I2C-Compatible, Temperature Sensor,
4-Channel ADC and Quad Voltage Output
ADT7516/ADT7517/ADT7519
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
ADT7516: four 12-bit DACs
ADT7517: four 10-bit DACs
ADT7519: four 8-bit DACs
Buffered voltage output
Guaranteed monotonic by design over all codes
10-bit temperature-to-digital converter
10-bit 4-channel ADC
DC input bandwidth
Input range: 0 V to 2.28 V
Temperature range: −40°C to +120°C
Temperature sensor accuracy: ±0.5°C typ
Supply range: 2.7 V to 5.5 V
DAC output range: 0 V to 2 VREF
Power-down current: <10 μA
Internal 2.28 VREF option
Double-buffered input logic
Buffered reference input
Power-on reset to 0 V DAC output
Simultaneous update of outputs (LDAC function)
On-chip, rail-to-rail output buffer amplifier
SPI®, I2C®, QSPI™, MICROWIRE™, and DSP compatible
4-wire serial interface
SMBus packet error checking (PEC) compatible
16-lead QSOP package
APPLICATIONS
Portable battery-powered instruments
Personal computers
Smart battery chargers
Telecommunications systems
Electronic text equipment
Domestic appliances
Process control
PIN CONFIGURATION
ADT7516/
ADT7517/
ADT7519
TOP VIEW
(Not to Scale)
VOUT-B 1
VOUT-C
16
VOUT-A 2
VOUT-D
15
VREF-IN 3
AIN4
14
CS 4
SCL/SCLK
13
GND 5
SDA/DIN
12
VDD 6
DOUT/ADD
11
D+/AIN1 7
INT/INT
10
D–/AIN2 8
LDAC/AIN3
9
Figure 1.
GENERAL DESCRIPTION
The ADT7516/ADT7517/ADT75191 combine a 10-bit tempera-
ture-to-digital converter, a 10-bit 4-channel ADC, and a quad
12-/10-/8-bit DAC, respectively, in a 16-lead QSOP package.
The parts also include a band gap temperature sensor and a
10-bit ADC to monitor and digitize the temperature reading to
a resolution of 0.25°C.
The ADT7516/ADT7517/ADT7519 operate from a single 2.7 V
to 5.5 V supply. The input voltage range on the ADC channels is
0 V to 2.28 V, and the input bandwidth is dc. The reference for
the ADC channels is derived internally. The output voltage of
the DAC ranges from 0 V to VDD, with an output voltage settling
time of 7 μs typical.
The ADT7516/ADT7517/ADT7519 provide two serial interface
options: a 4-wire serial interface that is compatible with SPI,
QSPI, MICROWIRE, and DSP interface standards, and a 2-wire
SMBus/I2C interface. They feature a standby mode that is
controlled through the serial interface.
The reference for the four DACs is derived either internally or
from a reference pin. The outputs of all DACs can be updated
simultaneously using the software LDAC function or the
external LDAC pin. The ADT7516/ADT7517/ADT7519
incorporate a power-on reset circuit, ensuring that the DAC
output powers up to 0 V and remains there until a valid write
takes place.
The wide supply voltage range, low supply current, and SPI-/
I2C-compatible interface of the ADT7516/ADT7517/ADT7519
make them ideal for a variety of applications, including
personal computers, office equipment, and domestic appliances.
1 Protected by U.S. Patent Numbers: 6,169,442; 5,867,012; and 5,764,174. Other patents pending.


Similar Part No. - ADT7516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516ARQ AD-ADT7516ARQ Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516ARQ-REEL AD-ADT7516ARQ-REEL Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516ARQ-REEL7 AD-ADT7516ARQ-REEL7 Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
More results

Similar Description - ADT7516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
3/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7516 AD-ADT7516 Datasheet
1Mb / 44P
SPI/I2C Compatible, Temperature Sensor, Four Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7518 AD-ADT7518 Datasheet
1Mb / 40P
SPI/I2C Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
8/04-Data Sheet Changed from Rev. 0 to Rev. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
ADT7516 AD-ADT7516_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7517 AD-ADT7517_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
ADT7518 AD-ADT7518_15 Datasheet
898Kb / 40P
SPI/IC Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output DAC
Rev. A
ADT7519 AD-ADT7519_15 Datasheet
3Mb / 44P
SPI-/IC-Compatible, Temperature Sensor, 4-Channel ADC and Quad Voltage Output
Rev. B
logo
Linear Technology
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
Quad I2C Voltage, Current and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com