Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 28 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 24Page - Analog Devices ADT7516 Datasheet HTML 25Page - Analog Devices ADT7516 Datasheet HTML 26Page - Analog Devices ADT7516 Datasheet HTML 27Page - Analog Devices ADT7516 Datasheet HTML 28Page - Analog Devices ADT7516 Datasheet HTML 29Page - Analog Devices ADT7516 Datasheet HTML 30Page - Analog Devices ADT7516 Datasheet HTML 31Page - Analog Devices ADT7516 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 28 of 44
Table 9. Temperature Data Format
(Internal and External Temperature)
Temperature
Digital Output
–40°C
11 0110 0000
–25°C
11 1001 1100
–10°C
11 1101 1000
–0.25°C
11 1111 1111
0°C
00 0000 0000
+0.25°C
00 0000 0001
+10°C
00 0010 1000
+25°C
00 0110 0100
+50°C
00 1100 1000
+75°C
01 0010 1100
+100°C
01 1001 0000
+105°C
01 1010 0100
+125°C
01 1111 0100
Temperature conversion formula:
Positive Temperature = ADC Code/4
Negative Temperature = (ADC Code – 512)/4
where DB9 is removed from the ADC Code in the Negative
Temperature equation.
Interrupts
The measured results from the internal temperature sensor,
external temperature sensor, VDD pin, and AIN inputs are
compared with the THIGH/VHIGH (greater than comparison) and
TLOW/VLOW (less than or equal to comparison) limits. An
interrupt occurs if the measurement exceeds or equals the limit
registers. These limits are stored in on-chip registers. Note that
the limit registers are 8 bits long and the conversion results are
10 bits long. If the limits are not masked, any out-of-limit
comparisons generate flags that are stored in the Interrupt
Status 1 register (Address 0x00) and Interrupt Status 2 register
(Address 0x01). One or more out-of-limit results cause the
INT/INT output to pull either high or low depending on the
output polarity setting. It is good design practice to mask out
interrupts for channels that are of no concern to the application.
Figure 53 shows the interrupt structure for the ADT7516/
ADT7517/ADT7519. It gives a block diagram representation of
how the various measurement channels affect the INT/INT pin.
ADT7516/ADT7517/ADT7519 REGISTERS
The ADT7516/ADT7517/ADT7519 contain registers that are
used to store the results of external and internal temperature
measurements, VDD value measurements, analog input measure-
ments, high and low temperature limits, supply voltage and
analog input limits, set output DAC voltage levels, configure
multipurpose pins, and generally to control the device. A
description of these registers follows.
The register map is divided into registers of 8 bits. Each register
has its own individual address, but some consist of data that is
linked with other registers. These registers hold the 10-bit
conversion results of measurements taken on the temperature,
VDD, and AIN channels. For example, the eight MSBs of the VDD
measurement are stored in Register Address 0x06 and the two
LSBs are stored in Register Address 0x03. These types of
registers are linked so that when the LSB register is read first,
the MSB registers associated with that LSB register are locked to
prevent any updates. To unlock these MSB registers, the user only
has to read any one of them; this has the effect of unlocking all
previously locked MSB registers. Therefore, for the preceding
example, if Register 0x03 is read first, MSB Register 0x06 and
Register 0x07 would be locked to prevent any updates to them.
If Register 0x06 is read, this register and Register 0x07 would be
subsequently unlocked.
LOCK ASSOCIATED
MSB REGISTERS
FIRST READ
COMMAND
LSB
REGISTER
OUTPUT
DATA
Figure 55. Phase 1 of 10-Bit Read
UNLOCK ASSOCIATED
MSB REGISTERS
SECOND READ
COMMAND
MSB
REGISTER
OUTPUT
DATA
Figure 56. Phase 2 of 10-Bit Read
If an MSB register is read first, its corresponding LSB register is
not locked, leaving the user with the option of just reading back
8 bits (MSB) of a 10-bit conversion result. Reading an MSB
register first does not lock other MSB registers, and likewise,
reading an LSB register first does not lock other LSB registers.
Table 10. ADT7516/ADT7517/ADT7519 Registers
R/W
Address
Name
Power-On
Default
0x00
Interrupt Status 1
0x00
0x01
Interrupt Status 2
0x00
0x02
Reserved
0x03
Internal Temp and VDD LSBs
0x00
0x04
External Temp and AIN1 to AIN4 LSBs
0x00
0x05
Reserved
0x00
0x06
VDD MSBs
No default value
0x07
Internal Temp MSBs
0x00
0x08
External Temp MSBs/AIN1 MSBs
0x00
0x09
AIN2 MSBs
0x00
0x0A
AIN3 MSBs
0x00
0x0B
AIN4 MSBs
0x00
0x0C to
0x0F
Reserved
0x00
0x10
DAC A LSBs (ADT7516/ADT7517 Only)
0x00
0x11
DAC A MSBs
0x00
0x12
DAC B LSBs (ADT7516/ADT7517 Only)
0x00
0x13
DAC B MSBs
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com