Electronic Components Datasheet Search
  English  ▼

X  

ADT7516 Datasheet(PDF) 6 Page - Analog Devices

Part # ADT7516
Description  SPI-/I2C-Compatible, Temperature Sensor,4-Channel ADC and Quad Voltage Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7516 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADT7516 Datasheet HTML 2Page - Analog Devices ADT7516 Datasheet HTML 3Page - Analog Devices ADT7516 Datasheet HTML 4Page - Analog Devices ADT7516 Datasheet HTML 5Page - Analog Devices ADT7516 Datasheet HTML 6Page - Analog Devices ADT7516 Datasheet HTML 7Page - Analog Devices ADT7516 Datasheet HTML 8Page - Analog Devices ADT7516 Datasheet HTML 9Page - Analog Devices ADT7516 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADT7516/ADT7517/ADT7519
Rev. B | Page 6 of 44
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
IDD (Power-Down Mode)
10
μA
VDD = 3.3 V, VIH = VDD, and VIL = GND
10
μA
VDD = 5 V, VIH = VDD, and VIL = GND
Power Dissipation
10
mW
VDD = 3.3 V, normal mode
33
μW
VDD = 3.3 V, shutdown mode
1 See the Terminology section.
2 DC specifications are tested with the outputs unloaded.
3 Linearity is tested using a reduced code range: ADT7516 (Code 115 to 4095); ADT7517 (Code 28 to 1023); ADT7519 (Code 8 to 255).
4 Guaranteed by design and characterization, not production tested.
5 Round robin is the continuous sequential measurement of the following channels: VDD, internal temperature, external temperature (AIN1, AIN2), AIN3, and AIN4.
6 For the amplifier output to reach its minimum voltage, the offset error must be negative. For the amplifier output to reach its maximum voltage (VREF = VDD), the offset
plus gain error must be positive.
7 The SDA and SCL timing is measured with the input filters turned on to meet the fast mode I2C specification. Switching off the input filters improves the transfer rate
but has a negative effect on the EMC behavior of the part.
8 Guaranteed by design, not production tested. All I2C timing specifications are for fast mode operation but the interface is still capable of handling the slower standard
rate specifications.
9 The interface is also capable of handling the I2C standard mode rise time specification of 1000 ns.
10 All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD), and timed from a voltage level of 1.6 V.
11 Measured with the load circuit shown in Figure 4.
12 The IDD specification is valid for all DAC codes and full-scale analog input voltages. Interface inactive. All DACs and ADCs active. Load currents excluded.
DAC AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V, RL = 4.7 kΩ to GND, CL = 200 pF to GND, 4.7 kΩ to VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1, 2
Min
Typ3
Max
Unit
Conditions/Comments
Output Voltage Settling Time
VREF = VDD = 5 V
ADT7519
6
8
μs
1/4 scale to 3/4 scale change (0x40 to 0xC0)
ADT7517
7
9
μs
1/4 scale to 3/4 scale change (0x100 to 0x300)
ADT7516
8
10
μs
1/4 scale to 3/4 scale change (0x400 to 0xC00)
Slew Rate
0.7
V/μs
Major-Code Change Glitch Energy
12
nV-s
1 LSB change around major carry
Digital Feedthrough
0.5
nV-s
Digital Crosstalk
1
nV-s
Analog Crosstalk
0.5
nV-s
DAC-to-DAC Crosstalk
3
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V ±0.1 V p-p
Total Harmonic Distortion
–70
dB
VREF = 2.5 V ±0.1 V p-p; frequency = 10 kHz
1 See the Terminology section.
2 Guaranteed by design and characterization, not production tested.
3 At 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com