Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 107 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 103Page - ATMEL Corporation ATMEGA640 Datasheet HTML 104Page - ATMEL Corporation ATMEGA640 Datasheet HTML 105Page - ATMEL Corporation ATMEGA640 Datasheet HTML 106Page - ATMEL Corporation ATMEGA640 Datasheet HTML 107Page - ATMEL Corporation ATMEGA640 Datasheet HTML 108Page - ATMEL Corporation ATMEGA640 Datasheet HTML 109Page - ATMEL Corporation ATMEGA640 Datasheet HTML 110Page - ATMEL Corporation ATMEGA640 Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 449 page
background image
107
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Alternate Functions of Port H
The Port H alternate pin configuration is as follows:
• T4 – Port H, Bit 7
T4, Timer/Counter4 counter source.
• OC2B – Port H, Bit 6
OC2B, Output Compare Match B output: The PH6 pin can serve as an external output for the
Timer/Counter2 Output Compare B. The pin has to be configured as an output (DDH6 set) to
serve this function. The OC2B pin is also the output pin for the PWM mode timer function.
• OC4C – Port H, Bit 5
OC4C, Output Compare Match C output: The PH5 pin can serve as an external output for the
Timer/Counter4 Output Compare C. The pin has to be configured as an output (DDH5 set) to
serve this function. The OC4C pin is also the output pin for the PWM mode timer function.
• OC4B – Port H, Bit 4
OC4B, Output Compare Match B output: The PH4 pin can serve as an external output for the
Timer/Counter2 Output Compare B. The pin has to be configured as an output (DDH4 set) to
serve this function. The OC4B pin is also the output pin for the PWM mode timer function.
• OC4A – Port H, Bit 3
OC4C, Output Compare Match A output: The PH3 pin can serve as an external output
for the Timer/Counter4 Output Compare A. The pin has to be configured as an output
(DDH3 set) to serve this function. The OC4A pin is also the output pin for the PWM
mode timer function.
• XCK2 – Port H, Bit 2
XCK2, USART2 External Clock: The Data Direction Register (DDH2) controls whether the clock is
output (DDH2 set) or input (DDH2 cleared). The XC2K pin is active only when the USART2 oper-
ates in synchronous mode.
• TXD2 – Port H, Bit 1
TXD2, USART2 Transmit Pin.
Table 60. Port H Pins Alternate Functions
Port Pin
Alternate Function
PH7
T4 (Timer/Counter4 Clock Input)
PH6
OC2B(Output Compare and PWM Output B for Timer/Counter2)
PH5
OC4C(Output Compare and PWM Output C for Timer/Counter4)
PH4
OC4B(Output Compare and PWM Output B for Timer/Counter4)
PH3
OC4A(Output Compare and PWM Output A for Timer/Counter4)
PH2
XCK2 (USART2 External Clock)
PH1
TXD2 (USART2 Transmit Pin)
PH0
RXD2 (USART2 Receive Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com