Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 111 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 107Page - ATMEL Corporation ATMEGA640 Datasheet HTML 108Page - ATMEL Corporation ATMEGA640 Datasheet HTML 109Page - ATMEL Corporation ATMEGA640 Datasheet HTML 110Page - ATMEL Corporation ATMEGA640 Datasheet HTML 111Page - ATMEL Corporation ATMEGA640 Datasheet HTML 112Page - ATMEL Corporation ATMEGA640 Datasheet HTML 113Page - ATMEL Corporation ATMEGA640 Datasheet HTML 114Page - ATMEL Corporation ATMEGA640 Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 449 page
background image
111
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Alternate Functions of Port K
The Port K alternate pin configuration is as follows:
• ADC15:8/PCINT23:16 – Port K, Bit 7:0
ADC15:8, Analog to Digital Converter, Channel 15 - 8.
PCINT23:16, Pin Change Interrupt Source 23:16. The PK7:0 pins can serve as External
Interrupt Sources.
Table 66. Port K Pins Alternate Functions
Port Pin
Alternate Function
PK7
ADC15/PCINT23 (ADC Input Channel 15 or Pin Change Interrupt 23)
PK6
ADC14/PCINT22 (ADC Input Channel 14 or Pin Change Interrupt 22)
PK5
ADC13/PCINT21 (ADC Input Channel 13 or Pin Change Interrupt 21)
PK4
ADC12/PCINT20 (ADC Input Channel 12 or Pin Change Interrupt 20)
PK3
ADC11/PCINT19 (ADC Input Channel 11 or Pin Change Interrupt 19)
PK2
ADC10/PCINT18 (ADC Input Channel 10 or Pin Change Interrupt 18)
PK1
ADC9/PCINT17 (ADC Input Channel 9 or Pin Change Interrupt 17)
PK0
ADC8 /PCINT16 (ADC Input Channel 8 or Pin Change Interrupt 16)
Table 67. Overriding Signals for Alternate Functions in PK7:PK4
Signal Name
PK7/ADC15/
PCINT23
PK6/ADC14/
PCINT22
PK5/ADC13/
PCINT21
PK4/ADC12/
PCINT20
PUOE
0000
PUOV
0000
DDOE
0000
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
PCINT23 •
PCIE2
PCINT22 •
PCIE2
PCINT21 •
PCIE2
PCINT20 •
PCIE2
DIEOV
1111
DI
PCINT23
INPUT
PCINT22
INPUT
PCINT21
INPUT
PCINT20
INPUT
AIO
ADC15 INPUT
ADC14 INPUT
ADC13 INPUT
ADC12 INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com