Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 114 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 114 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 110Page - ATMEL Corporation ATMEGA640 Datasheet HTML 111Page - ATMEL Corporation ATMEGA640 Datasheet HTML 112Page - ATMEL Corporation ATMEGA640 Datasheet HTML 113Page - ATMEL Corporation ATMEGA640 Datasheet HTML 114Page - ATMEL Corporation ATMEGA640 Datasheet HTML 115Page - ATMEL Corporation ATMEGA640 Datasheet HTML 116Page - ATMEL Corporation ATMEGA640 Datasheet HTML 117Page - ATMEL Corporation ATMEGA640 Datasheet HTML 118Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 449 page
background image
114
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Table 70 and Table 71 relates the alternate functions of Port L to the overriding signals
shown in Figure 36 on page 89.
Table 70. Overriding Signals for Alternate Functions in PL7:PL4
Signal Name
PL7
PL6
PL5/OC5C
PL4/OC5B
PUOE
00
00
PUOV
00
00
DDOE
–
–
0
0
DDOV
–
–
0
0
PVOE
–
–
OC5C ENABLE
OC5B ENABLE
PVOV
–
–
OC5C
OC5B
PTOE
––
––
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
00
00
AIO
–
–
–
–
Table 71. Overriding Signals for Alternate Functions in PL3:PL0
Signal Name
PL3/OC5A
PL2/T5
PL1/ICP5
PL0/ICP4
PUOE
00
00
PUOV
00
00
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC5A ENABLE
0
0
0
PVOV
OC5A
0
0
0
PTOE
––
––
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
0
T5 INPUT
ICP5 INPUT
ICP4 INPUT
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com