Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 113 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 113 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 109Page - ATMEL Corporation ATMEGA640 Datasheet HTML 110Page - ATMEL Corporation ATMEGA640 Datasheet HTML 111Page - ATMEL Corporation ATMEGA640 Datasheet HTML 112Page - ATMEL Corporation ATMEGA640 Datasheet HTML 113Page - ATMEL Corporation ATMEGA640 Datasheet HTML 114Page - ATMEL Corporation ATMEGA640 Datasheet HTML 115Page - ATMEL Corporation ATMEGA640 Datasheet HTML 116Page - ATMEL Corporation ATMEGA640 Datasheet HTML 117Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 449 page
background image
113
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Alternate Functions of Port L
The Port L alternate pin configuration is as follows:
• OC5C – Port L, Bit 5
OC5C, Output Compare Match C output: The PL5 pin can serve as an external output
for the Timer/Counter5 Output Compare C. The pin has to be configured as an output
(DDL5 set) to serve this function. The OC5C pin is also the output pin for the PWM
mode timer function.
• OC5B – Port L, Bit 4
OC5B, Output Compare Match B output: The PL4 pin can serve as an external output
for the Timer/Counter 5 Output Compare B. The pin has to be configured as an output
(DDL4 set) to serve this function. The OC5B pin is also the output pin for the PWM
mode timer function.
• OC5A – Port L, Bit 3
OC5A, Output Compare Match A output: The PL3 pin can serve as an external output
for the Timer/Counter 5 Output Compare A. The pin has to be configured as an output
(DDL3 set) to serve this function. The OC5A pin is also the output pin for the PWM
mode timer function.
• T5 – Port L, Bit 2
T5, Timer/Counter5 counter source.
• ICP5 – Port L, Bit 1
ICP5, Input Capture Pin 5: The PL1 pin can serve as an Input Capture pin for
Timer/Counter5.
• ICP4 – Port L, Bit 0
ICP4, Input Capture Pin 4: The PL0 pin can serve as an Input Capture pin for
Timer/Counter4.
Table 69. Port L Pins Alternate Functions
Port Pin
Alternate Function
PL7
–
PL6
–
PL5
OC5C (Output Compare and PWM Output C for Timer/Counter5)
PL4
OC5B (Output Compare and PWM Output B for Timer/Counter5)
PL3
OC5A (Output Compare and PWM Output A for Timer/Counter5)
PL2
T5 (Timer/Counter5 Clock Input)
PL1
ICP5 (Timer/Counter5 Input Capture Trigger)
PL0
ICP4 (Timer/Counter4 Input Capture Trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com