Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 112 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 108Page - ATMEL Corporation ATMEGA640 Datasheet HTML 109Page - ATMEL Corporation ATMEGA640 Datasheet HTML 110Page - ATMEL Corporation ATMEGA640 Datasheet HTML 111Page - ATMEL Corporation ATMEGA640 Datasheet HTML 112Page - ATMEL Corporation ATMEGA640 Datasheet HTML 113Page - ATMEL Corporation ATMEGA640 Datasheet HTML 114Page - ATMEL Corporation ATMEGA640 Datasheet HTML 115Page - ATMEL Corporation ATMEGA640 Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 449 page
background image
112
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Table 68. Overriding Signals for Alternate Functions in PK3:PK0
Signal Name
PK3/ADC11/
PCINT19
PK2/ADC10/
PCINT18
PK1/ADC9/
PCINT17
PK0/ADC8/
PCINT16
PUOE
000
0
PUOV
000
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
000
0
PVOV
000
0
PTOE
–––
–
DIEOE
PCINT19 •
PCIE2
PCINT18 •
PCIE2
PCINT17 •
PCIE2
PCINT16 •
PCIE2
DIEOV
111
1
DI
PCINT19 INPUT
PCINT18 INPUT
PCINT17
INPUT
PCINT16
INPUT
AIO
ADC11 INPUT
ADC10INPUT
ADC9 INPUT
ADC8 INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com