Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 173 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 173 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 169Page - ATMEL Corporation ATMEGA640 Datasheet HTML 170Page - ATMEL Corporation ATMEGA640 Datasheet HTML 171Page - ATMEL Corporation ATMEGA640 Datasheet HTML 172Page - ATMEL Corporation ATMEGA640 Datasheet HTML 173Page - ATMEL Corporation ATMEGA640 Datasheet HTML 174Page - ATMEL Corporation ATMEGA640 Datasheet HTML 175Page - ATMEL Corporation ATMEGA640 Datasheet HTML 176Page - ATMEL Corporation ATMEGA640 Datasheet HTML 177Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 449 page
background image
173
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
the edge detector uses sampling, the maximum frequency of an external clock it can
detect is half the sampling frequency (Nyquist sampling theorem). However, due to vari-
ation of the system clock frequency and duty cycle caused by Oscillator source (crystal,
resonator, and capacitors) tolerances, it is recommended that maximum frequency of an
external clock source is less than f
clk_I/O/2.5.
An external clock source can not be prescaled.
Figure 62. Prescaler for synchronous Timer/Counters
Register Description
GTCCR – General
Timer/Counter Control
Register
• Bit 7 – TSM: Timer/Counter Synchronization Mode
Writing the TSM bit to one activates the Timer/Counter Synchronization mode. In this
mode, the value that is written to the PSRASY and PSRSYNC bits is kept, hence keep-
ing the corresponding prescaler reset signals asserted. This ensures that the
corresponding Timer/Counters are halted and can be configured to the same value with-
out the risk of one of them advancing during configuration. When the TSM bit is written
to zero, the PSRASY and PSRSYNC bits are cleared by hardware, and the
Timer/Counters start counting simultaneously.
• Bit 0 – PSRSYNC: Prescaler Reset for Synchronous Timer/Counters
When this bit is one, Timer/Counter0, Timer/Counter1, Timer/Counter3, Timer/Counter4
and Timer/Counter5 prescaler will be Reset. This bit is normally cleared immediately by
hardware, except if the TSM bit is set. Note that Timer/Counter0, Timer/Counter1,
Timer/Counter3, Timer/Counter4 and Timer/Counter5 share the same prescaler and a
reset of this prescaler will affect all timers.
PSR10
Clear
Tn
Tn
clk
I/O
Synchronization
Synchronization
TIMER/COUNTERn CLOCK SOURCE
clk
Tn
TIMER/COUNTERn CLOCK SOURCE
clk
Tn
CSn0
CSn1
CSn2
CSn0
CSn1
CSn2
Bit
7
6
5
4
3
2
1
0
0x23 (0x43)
TSM
–
–
–
–
–
PSRASY PSRSYNC
GTCCR
Read/Write
R/W
RR
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com