Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 169 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 165Page - ATMEL Corporation ATMEGA640 Datasheet HTML 166Page - ATMEL Corporation ATMEGA640 Datasheet HTML 167Page - ATMEL Corporation ATMEGA640 Datasheet HTML 168Page - ATMEL Corporation ATMEGA640 Datasheet HTML 169Page - ATMEL Corporation ATMEGA640 Datasheet HTML 170Page - ATMEL Corporation ATMEGA640 Datasheet HTML 171Page - ATMEL Corporation ATMEGA640 Datasheet HTML 172Page - ATMEL Corporation ATMEGA640 Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 449 page
background image
169
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
TIMSK1 – Timer/Counter 1
Interrupt Mask Register
TIMSK3 – Timer/Counter 3
Interrupt Mask Register
TIMSK4 – Timer/Counter 4
Interrupt Mask Register
TIMSK5 – Timer/Counter 5
Interrupt Mask Register
• Bit 5 – ICIEn: Timer/Countern, Input Capture Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts glo-
bally enabled), the Timer/Countern Input Capture interrupt is enabled. The
corresponding Interrupt Vector (See “Interrupts” on page 69.) is executed when the
ICFn Flag, located in TIFRn, is set.
• Bit 3 – OCIEnC: Timer/Countern, Output Compare C Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts glo-
bally enabled), the Timer/Countern Output Compare C Match interrupt is enabled. The
corresponding Interrupt Vector (See “Interrupts” on page 69.) is executed when the
OCFnC Flag, located in TIFRn, is set.
• Bit 2 – OCIEnB: Timer/Countern, Output Compare B Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts glo-
bally enabled), the Timer/Countern Output Compare B Match interrupt is enabled. The
corresponding Interrupt Vector (See “Interrupts” on page 69.) is executed when the
OCFnB Flag, located in TIFRn, is set.
• Bit 1 – OCIEnA: Timer/Countern, Output Compare A Match Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts glo-
bally enabled), the Timer/Countern Output Compare A Match interrupt is enabled. The
corresponding Interrupt Vector (See “Interrupts” on page 69.) is executed when the
OCFnA Flag, located in TIFRn, is set.
• Bit 0 – TOIEn: Timer/Countern, Overflow Interrupt Enable
When this bit is written to one, and the I-flag in the Status Register is set (interrupts glo-
bally enabled), the Timer/Countern Overflow interrupt is enabled. The corresponding
Interrupt Vector (See “Interrupts” on page 69.) is executed when the TOVn Flag, located
in TIFRn, is set.
Bit
7
6
543
2
1
0
(0x6F)
–
–ICIE1
–
OCIE1C
OCIE1B
OCIE1A
TOIE1
TIMSK1
Read/Write
R
R
R/W
RR/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
2
1
0
(0x71)
–
–ICIE3
–
OCIE3C
OCIE3B
OCIE3A
TOIE3
TIMSK3
Read/Write
R
R
R/W
RR/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
2
1
0
(0x72)
–
–ICIE4
–
OCIE4C
OCIE4B
OCIE4A
TOIE4
TIMSK4
Read/Write
R
R
R/W
RR/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
2
1
0
(0x73)
–
–ICIE5
–
OCIE5C
OCIE5B
OCIE5A
TOIE5
TIMSK5
Read/Write
R
R
R/W
RR/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com