Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 165 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 165 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 161Page - ATMEL Corporation ATMEGA640 Datasheet HTML 162Page - ATMEL Corporation ATMEGA640 Datasheet HTML 163Page - ATMEL Corporation ATMEGA640 Datasheet HTML 164Page - ATMEL Corporation ATMEGA640 Datasheet HTML 165Page - ATMEL Corporation ATMEGA640 Datasheet HTML 166Page - ATMEL Corporation ATMEGA640 Datasheet HTML 167Page - ATMEL Corporation ATMEGA640 Datasheet HTML 168Page - ATMEL Corporation ATMEGA640 Datasheet HTML 169Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 449 page
background image
165
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
TCNT1H and TCNT1L –
Timer/Counter 1
TCNT3H and TCNT3L –
Timer/Counter 3
TCNT4H and TCNT4L –
Timer/Counter 4
TCNT5H and TCNT5L –
Timer/Counter 5
The two Timer/Counter I/O locations (TCNTnH and TCNTnL, combined TCNTn) give
direct access, both for read and for write operations, to the Timer/Counter unit 16-bit
counter. To ensure that both the high and low bytes are read and written simultaneously
when the CPU accesses these registers, the access is performed using an 8-bit tempo-
rary High Byte Register (TEMP). This temporary register is shared by all the other 16-bit
registers. See “Accessing 16-bit Registers” on page 139.
Modifying the counter (TCNTn) while the counter is running introduces a risk of missing
a compare match between TCNTn and one of the OCRnx Registers.
Writing to the TCNTn Register blocks (removes) the compare match on the following
timer clock for all compare units.
Bit
7654
321
0
(0x85)
TCNT1[15:8]
TCNT1H
(0x84)
TCNT1[7:0]
TCNT1L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0x95)
TCNT3[15:8]
TCNT3H
(0x94)
TCNT3[7:0]
TCNT3L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0xA5)
TCNT4[15:8]
TCNT4H
(0xA4)
TCNT4[7:0]
TCNT4L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0x125)
TCNT5[15:8]
TCNT5H
(0x124)
TCNT5[7:0]
TCNT5L
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com