Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 164 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 164 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 160Page - ATMEL Corporation ATMEGA640 Datasheet HTML 161Page - ATMEL Corporation ATMEGA640 Datasheet HTML 162Page - ATMEL Corporation ATMEGA640 Datasheet HTML 163Page - ATMEL Corporation ATMEGA640 Datasheet HTML 164Page - ATMEL Corporation ATMEGA640 Datasheet HTML 165Page - ATMEL Corporation ATMEGA640 Datasheet HTML 166Page - ATMEL Corporation ATMEGA640 Datasheet HTML 167Page - ATMEL Corporation ATMEGA640 Datasheet HTML 168Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 449 page
background image
164
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
TCCR1C – Timer/Counter 1
Control Register C
TCCR3C – Timer/Counter 3
Control Register C
TCCR4C – Timer/Counter 4
Control Register C
TCCR5C – Timer/Counter 5
Control Register C
• Bit 7 – FOCnA: Force Output Compare for Channel A
• Bit 6 – FOCnB: Force Output Compare for Channel B
• Bit 5 – FOCnC: Force Output Compare for Channel C
The FOCnA/FOCnB/FOCnC bits are only active when the WGMn3:0 bits specifies a
non-PWM mode. When writing a logical one to the FOCnA/FOCnB/FOCnC bit, an
immediate compare match is forced on the waveform generation unit. The
OCnA/OCnB/OCnC output is changed according to its COMnx1:0 bits setting. Note that
the FOCnA/FOCnB/FOCnC bits are implemented as strobes. Therefore it is the value
present in the COMnx1:0 bits that determine the effect of the forced compare.
A FOCnA/FOCnB/FOCnC strobe will not generate any interrupt nor will it clear the timer
in Clear Timer on Compare Match (CTC) mode using OCRnA as TOP.
The FOCnA/FOCnB/FOCnB bits are always read as zero.
• Bit 4:0 – Reserved Bits
These bits are reserved for future use. For ensuring compatibility with future devices,
these bits must be written to zero when TCCRnC is written.
Bit
765
4
3
210
(0x82)
FOC1A
FOC1B
FOC1C
–
–
–
–
–
TCCR1C
Read/Write
WW
W
RR
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
765
4
3
210
(0x92)
FOC3A
FOC3B
FOC3C
–
–
–
–
–
TCCR3C
Read/Write
WW
W
RR
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
765
4
3
210
(0xA2)
FOC4A
FOC4B
FOC4C
–
–
–
–
–
TCCR4C
Read/Write
WW
W
RR
R
R
R
Initial Value
0
0
0
0
0
0
0
0
Bit
765
4
3
210
(0x122)
FOC5A
FOC5B
FOC3C
–
–
–
–
–
TCCR5C
Read/Write
WW
W
RR
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com