Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 166 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 166 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 162Page - ATMEL Corporation ATMEGA640 Datasheet HTML 163Page - ATMEL Corporation ATMEGA640 Datasheet HTML 164Page - ATMEL Corporation ATMEGA640 Datasheet HTML 165Page - ATMEL Corporation ATMEGA640 Datasheet HTML 166Page - ATMEL Corporation ATMEGA640 Datasheet HTML 167Page - ATMEL Corporation ATMEGA640 Datasheet HTML 168Page - ATMEL Corporation ATMEGA640 Datasheet HTML 169Page - ATMEL Corporation ATMEGA640 Datasheet HTML 170Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 449 page
background image
166
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
OCR1AH and OCR1AL –
Output Compare Register 1 A
OCR1BH and OCR1BL –
Output Compare Register 1 B
OCR1CH and OCR1CL –
Output Compare Register 1 C
OCR3AH and OCR3AL –
Output Compare Register 3 A
OCR3BH and OCR3BL –
Output Compare Register 3 B
OCR3CH and OCR3CL –
Output Compare Register 3 C
OCR4AH and OCR4AL –
Output Compare Register 4 A
OCR4BH and OCR4BL –
Output Compare Register 4 B
Bit
7654
321
0
(0x89)
OCR1A[15:8]
OCR1AH
(0x88)
OCR1A[7:0]
OCR1AL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0x8B)
OCR1B[15:8]
OCR1BH
(0x8A)
OCR1B[7:0]
OCR1BL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0x8D)
OCR1C[15:8]
OCR1CH
(0x8C)
OCR1C[7:0]
OCR1CL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0x99)
OCR3A[15:8]
OCR3AH
(0x98)
OCR3A[7:0]
OCR3AL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0x9B)
OCR3B[15:8]
OCR3BH
(0x9A)
OCR3B[7:0]
OCR3BL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0x9D)
OCR3C[15:8]
OCR3CH
(0x9C)
OCR3C[7:0]
OCR3CL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0xA9)
OCR4A[15:8]
OCR4AH
(0xA8)
OCR4A[7:0]
OCR4AL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
Bit
7654
321
0
(0xAA)
OCR4B[15:8]
OCR4BH
(0xAB)
OCR4B[7:0]
OCR4BL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com