Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 161 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 157Page - ATMEL Corporation ATMEGA640 Datasheet HTML 158Page - ATMEL Corporation ATMEGA640 Datasheet HTML 159Page - ATMEL Corporation ATMEGA640 Datasheet HTML 160Page - ATMEL Corporation ATMEGA640 Datasheet HTML 161Page - ATMEL Corporation ATMEGA640 Datasheet HTML 162Page - ATMEL Corporation ATMEGA640 Datasheet HTML 163Page - ATMEL Corporation ATMEGA640 Datasheet HTML 164Page - ATMEL Corporation ATMEGA640 Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 449 page
background image
161
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
.
Table 84 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to the
fast PWM mode.
Note:
A
special
case
occurs
when
OCRnA/OCRnB/OCRnC
equals
TOP
and
COMnA1/COMnB1/COMnC1 is set. In this case the compare match is ignored, but the
set or clear is done at BOTTOM. See “Fast PWM Mode” on page 151. for more details.
Table 85 shows the COMnx1:0 bit functionality when the WGMn3:0 bits are set to the
phase correct and frequency correct PWM mode.
Note:
A
special
case
occurs
when
OCRnA/OCRnB/OCRnC
equals
TOP
and
COMnA1/COMnB1//COMnC1 is set. See “Phase Correct PWM Mode” on page 153. for
more details.
Table 83. Compare Output Mode, non-PWM
COMnA1
COMnB1
COMnC1
COMnA0
COMnB0
COMnC0
Description
00
Normal port operation, OCnA/OCnB/OCnC disconnected.
0
1
Toggle OCnA/OCnB/OCnC on compare match.
1
0
Clear OCnA/OCnB/OCnC on compare match (set output to low level).
1
1
Set OCnA/OCnB/OCnC on compare match (set output to high level).
Table 84. Compare Output Mode, Fast PWM
COMnA1
COMnB1
COMnC1
COMnA0
COMnB0
COMnC0
Description
00
Normal port operation, OCnA/OCnB/OCnC disconnected.
01
WGM13:0 = 14 or 15: Toggle OC1A on Compare Match, OC1B and
OC1C disconnected (normal port operation). For all other WGM1
settings, normal port operation, OC1A/OC1B/OC1C disconnected.
1
0
Clear OCnA/OCnB/OCnC on compare match, set
OCnA/OCnB/OCnC at BOTTOM (non-inverting mode).
1
1
Set OCnA/OCnB/OCnC on compare match, clear
OCnA/OCnB/OCnC at BOTTOM (inverting mode).
Table 85. Compare Output Mode, Phase Correct and Phase and Frequency Correct
PWM
COMnA1
COMnB1
COMnC1
COMnA0
COMnB0
COMnC0
Description
00
Normal port operation, OCnA/OCnB/OCnC disconnected.
01
WGM13:0 =9 or 11: Toggle OC1A on Compare Match, OC1B and
OC1C disconnected (normal port operation). For all other WGM1
settings, normal port operation, OC1A/OC1B/OC1C disconnected.
1
0
Clear OCnA/OCnB/OCnC on compare match when up-counting. Set
OCnA/OCnB/OCnC on compare match when downcounting.
1
1
Set OCnA/OCnB/OCnC on compare match when up-counting. Clear
OCnA/OCnB/OCnC on compare match when downcounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com