Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 191 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 191 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 187Page - ATMEL Corporation ATMEGA640 Datasheet HTML 188Page - ATMEL Corporation ATMEGA640 Datasheet HTML 189Page - ATMEL Corporation ATMEGA640 Datasheet HTML 190Page - ATMEL Corporation ATMEGA640 Datasheet HTML 191Page - ATMEL Corporation ATMEGA640 Datasheet HTML 192Page - ATMEL Corporation ATMEGA640 Datasheet HTML 193Page - ATMEL Corporation ATMEGA640 Datasheet HTML 194Page - ATMEL Corporation ATMEGA640 Datasheet HTML 195Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 449 page
background image
191
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Register Description
TCCR2A –Timer/Counter
Control Register A
• Bits 7:6 – COM2A1:0: Compare Match Output A Mode
These bits control the Output Compare pin (OC2A) behavior. If one or both of the
COM2A1:0 bits are set, the OC2A output overrides the normal port functionality of the
I/O pin it is connected to. However, note that the Data Direction Register (DDR) bit cor-
responding to the OC2A pin must be set in order to enable the output driver.
When OC2A is connected to the pin, the function of the COM2A1:0 bits depends on the
WGM22:0 bit setting. Table 88 shows the COM2A1:0 bit functionality when the
WGM22:0 bits are set to a normal or CTC mode (non-PWM).
Table 89 shows the COM2A1:0 bit functionality when the WGM21:0 bits are set to fast
PWM mode.
Note:
1. A special case occurs when OCR2A equals TOP and COM2A1 is set. In this case,
the Compare Match is ignored, but the set or clear is done at BOTTOM. See “Fast
PWM Mode” on page 180 for more details.
Table 90 shows the COM2A1:0 bit functionality when the WGM22:0 bits are set to
phase correct PWM mode.
Bit
7
6
5
4
3
2
1
0
(0xB0)
COM2A1
COM2A0
COM2B1
COM2B0
–
–
WGM21
WGM20
TCCR2A
Read/Write
R/W
R/W
R/W
R/W
RR
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 88. Compare Output Mode, non-PWM Mode
COM2A1
COM2A0
Description
00
Normal port operation, OC2A disconnected.
0
1
Toggle OC2A on Compare Match
1
0
Clear OC2A on Compare Match
1
1
Set OC2A on Compare Match
Table 89. Compare Output Mode, Fast PWM Mode(1)
COM2A1
COM2A0
Description
00
Normal port operation, OC2A disconnected.
01
WGM22 = 0: Normal Port Operation, OC2A Disconnected.
WGM22 = 1: Toggle OC2A on Compare Match.
1
0
Clear OC2A on Compare Match, set OC2A at BOTTOM,
(non-inverting mode).
1
1
Set OC2A on Compare Match, clear OC2A at BOTTOM,
(inverting mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com