Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 192 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 192 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 188Page - ATMEL Corporation ATMEGA640 Datasheet HTML 189Page - ATMEL Corporation ATMEGA640 Datasheet HTML 190Page - ATMEL Corporation ATMEGA640 Datasheet HTML 191Page - ATMEL Corporation ATMEGA640 Datasheet HTML 192Page - ATMEL Corporation ATMEGA640 Datasheet HTML 193Page - ATMEL Corporation ATMEGA640 Datasheet HTML 194Page - ATMEL Corporation ATMEGA640 Datasheet HTML 195Page - ATMEL Corporation ATMEGA640 Datasheet HTML 196Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 449 page
background image
192
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
Note:
1. A special case occurs when OCR2A equals TOP and COM2A1 is set. In this case,
the Compare Match is ignored, but the set or clear is done at TOP. See “Phase Cor-
rect PWM Mode” on page 182 for more details.
• Bits 5:4 – COM2B1:0: Compare Match Output B Mode
These bits control the Output Compare pin (OC2B) behavior. If one or both of the
COM2B1:0 bits are set, the OC2B output overrides the normal port functionality of the
I/O pin it is connected to. However, note that the Data Direction Register (DDR) bit cor-
responding to the OC2B pin must be set in order to enable the output driver.
When OC2B is connected to the pin, the function of the COM2B1:0 bits depends on the
WGM22:0 bit setting. Table 91 shows the COM2B1:0 bit functionality when the
WGM22:0 bits are set to a normal or CTC mode (non-PWM).
Table 92 shows the COM2B1:0 bit functionality when the WGM22:0 bits are set to fast
PWM mode.
Note:
1. A special case occurs when OCR2B equals TOP and COM2B1 is set. In this case,
the Compare Match is ignored, but the set or clear is done at BOTTOM. See “Fast
PWM Mode” on page 180 for more details.
Table 90. Compare Output Mode, Phase Correct PWM Mode(1)
COM2A1
COM2A0
Description
00
Normal port operation, OC2A disconnected.
01
WGM22 = 0: Normal Port Operation, OC2A Disconnected.
WGM22 = 1: Toggle OC2A on Compare Match.
1
0
Clear OC2A on Compare Match when up-counting. Set OC2A on
Compare Match when down-counting.
1
1
Set OC2A on Compare Match when up-counting. Clear OC2A on
Compare Match when down-counting.
Table 91. Compare Output Mode, non-PWM Mode
COM2B1
COM2B0
Description
00
Normal port operation, OC2B disconnected.
0
1
Toggle OC2B on Compare Match
1
0
Clear OC2B on Compare Match
1
1
Set OC2B on Compare Match
Table 92. Compare Output Mode, Fast PWM Mode
(1)
COM2B1
COM2B0
Description
00
Normal port operation, OC2B disconnected.
01
Reserved
1
0
Clear OC2B on Compare Match, set OC2B at BOTTOM,
(non-inverting mode).
1
1
Set OC2B on Compare Match, clear OC2B at BOTTOM,
(inverting mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com