Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 162 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 162 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 158Page - NXP Semiconductors RT600 Datasheet HTML 159Page - NXP Semiconductors RT600 Datasheet HTML 160Page - NXP Semiconductors RT600 Datasheet HTML 161Page - NXP Semiconductors RT600 Datasheet HTML 162Page - NXP Semiconductors RT600 Datasheet HTML 163Page - NXP Semiconductors RT600 Datasheet HTML 164Page - NXP Semiconductors RT600 Datasheet HTML 165Page - NXP Semiconductors RT600 Datasheet HTML 166Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
162 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
21. Revision history
Table 60. Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
RT600 v.2.3
20240516
Product data sheet
-
2.2
• Corrected date code from ‘2420’ to ‘2423’ to in table note [6] of Table 4 “Pin description”
RT600 v.2.2
20240124
Product data sheet
-
2.1
• Updated PIO1_17 information (added PDM function) in Table 4 “Pin description”.
RT600 v.2.1
20230609
Product data sheet
-
2.0
• In Section 7 “Pinning information” updated details of GPIO pins.
• Replaced “100 us” to “600 us” in Section 16.7 “Boundary Scan Mode”.
• Added Section 14.17 “MIPI I3C interface”.
• Updated Table 30 “Static characteristics: pin characteristics” in Section 13.5 “Pin
characteristics”
• Updated VDDCORE condition from “Retention Mode” to “Deep-Sleep Mode (Retention
Mode)” in Table 20 “General operating conditions”.
• Updated Footnote in Table 6 “Termination of unused pins” and Remove “The internal
pull-down can be enabled on the unconnected pins (input buffer disabled by default,
internal pull-down enabled) or unconnected can be configured by software (GPIO
output low) to minimize the overall power consumption of the part.” in Section 9
“Termination of unused pins”.
RT600 v.2.0
20220401
Product data sheet
-
1.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com