Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 57Page - NXP Semiconductors RT600 Datasheet HTML 58Page - NXP Semiconductors RT600 Datasheet HTML 59Page - NXP Semiconductors RT600 Datasheet HTML 60Page - NXP Semiconductors RT600 Datasheet HTML 61Page - NXP Semiconductors RT600 Datasheet HTML 62Page - NXP Semiconductors RT600 Datasheet HTML 63Page - NXP Semiconductors RT600 Datasheet HTML 64Page - NXP Semiconductors RT600 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
61 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
7
16
0x10 0000 0x13 FFFF 256 KB
17
0x14 0000 0x17 FFFF 256 KB
18
0x18 0000 0x1B FFFF 256 KB
19
0x1C 0000 0x1F FFFF 256 KB
8
20
0x20 0000 0x23 FFFF 256 KB
21
0x24 0000 0x27 FFFF 256 KB
22
0x28 0000 0x2B FFFF 256 KB
23
0x2C 0000 0x2F FFFF 256 KB
9
24
0x30 0000 0x33 FFFF 256 KB
25
0x34 0000 0x37 FFFF 256 KB
26
0x38 0000 0x3B FFFF 256 KB
27
0x3C 0000 0x3F FFFF 256 KB
10
28
0x40 0000 0x43 FFFF 256 KB
29
0x44 0000 0x47 FFFF 256 KB
Table 12. Base addresses for different types of shared memory accesses
Base address Cortex-M33
HiFi 4
0x0000 0000
Code bus - non-secure Cacheable (see Section 10.12.10.1)
0x1000 0000
Code bus - secure
-
0x2000 0000
Data bus - non-secure Non-cacheable (see
Section 10.12.10.1)
0x3000 0000
Data bus - secure
-
Table 11. Shared RAM memory map: offsets for all types of shared memory accesses
AHB port Partition Start offset End offset Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com